Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 199 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 199 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 195Page - STMicroelectronics L9679P Datasheet HTML 196Page - STMicroelectronics L9679P Datasheet HTML 197Page - STMicroelectronics L9679P Datasheet HTML 198Page - STMicroelectronics L9679P Datasheet HTML 199Page - STMicroelectronics L9679P Datasheet HTML 200Page - STMicroelectronics L9679P Datasheet HTML 201Page - STMicroelectronics L9679P Datasheet HTML 202Page - STMicroelectronics L9679P Datasheet HTML 203Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 272 page
background image
DocID029275 Rev 1
199/272
L9679P
Safing logic
271
Figure 56. In-frame example
At least one bit needed to allow for synchronization between clock domains (SPI clock and
system clock).
Out-of-frame example:
Figure 57. Out-of-frame example
Synchronization between clock domains relies upon inter-frame gap.
12.4
Safing state machine operation
State machine operation is disabled when the safing state machine reset signal is active as
described in the power supply diagnostics and controls section of this document. The
outputs of the state machine are ARMxREQ. As previously stated, there is a maximum of 16
safing records available to the state machine. Inputs to the safety state machine are
programmed safing records and sensor data. The configuration of the state machine is
common to all sensors.
12.4.1
Simple threshold comparison operation
In this mode, sensor data received through the sensor SPI interface and validated by the
safing record is passed to the safing algorithm. The simple threshold comparison algorithm
compares the received data to two thresholds, SAF_TH (positive threshold) and (-SAF_TH)
(negative threshold). If the sensor data is greater than SAF_TH or is less than (-SAF_TH)
then and event is flagged and the event counter is incremented based on the programmed
value of ADD_VAL. If sensor data does not trigger the SAF_TH comparators, the counter is
decremented by SUB_VAL. SUB_VAL is programmed by the user and can be same or
different than ADD_VAL. This feature allows for an asymmetrical counter function making
the system either more or less sensitive to sensor data. Since sensor data can indicate a
positive or negative event, the algorithm maintains separate event counters, POS_COUNT
and NEG_COUNT. ADD_VAL and SUB_VAL programmed values are the same for both
event counters.
On each sensor sample, the event counters, POS_COUNT and NEG_COUNT, are updated
based on the SAF_TH comparators. Likewise, each event counter is compared with a
corresponding arming threshold. In this case, POS_COUNT value is compared to
ARMP_TH and NEG_COUNT to ARMN_TH. ARMP_TH and ARMN_TH are programmable
thresholds set by the user. The compared result will set ARMP and ARMN to either ‘1’ or ‘0’
depending on the comparison status. If ARMP_TH or ARMN_TH are set to 0, the arming will
be activated immediately entering in safing state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com