Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 219 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 219 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 215Page - STMicroelectronics L9679P Datasheet HTML 216Page - STMicroelectronics L9679P Datasheet HTML 217Page - STMicroelectronics L9679P Datasheet HTML 218Page - STMicroelectronics L9679P Datasheet HTML 219Page - STMicroelectronics L9679P Datasheet HTML 220Page - STMicroelectronics L9679P Datasheet HTML 221Page - STMicroelectronics L9679P Datasheet HTML 222Page - STMicroelectronics L9679P Datasheet HTML 223Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 272 page
background image
DocID029275 Rev 1
219/272
L9679P
Electrical characteristics
271
17
Electrical characteristics
Every parameter in this chapter is fulfilled down to VINGOOD(max).
No device damage is granted to occur down to VINBAD(min).
GNDA pin is used as ground reference for the voltage measurements performed within the
device, unless otherwise stated.
All table or parameter declared ‘Design Info’ are not tested during production testing
17.1
Configuration and control
All electrical characteristics are valid for the following conditions unless otherwise noted.
-40 °C
 Ta  +95 °C.
Table 20. Configuration and control DC specifications
No
Symbol
Parameter
Conditions
Min Typ Max Unit
1VNOV
Normal Operating
Voltage
Design Info
Depending on power supply
configuration
613
18
V
2VJSV
Jump Start Voltage
Design Info
40°C ≤ Ta ≤ 50°C
18
-
26
V
3VLDV
Load Dump Voltage
Transient
Design Info
26.5
-
40
V
4
WU_mon
WAKEUP Monitor
threshold
GNDSUBx as ground reference
-
-
1.5
V
5
WU_off
WAKEUP Off threshold GNDSUBx as ground reference
2
2.5
3
V
6
WU_on
WAKEUP On threshold GNDSUBx as ground reference
4
4.5
5
V
7WURPD
WAKEUP Pull-down
Resistor
GNDSUBx as ground reference
120
300
480
kΩ
8VBGOOD0
VBATMON Thresholds
SYS_CTL(VBATMON_TH_SEL)=00
or 11
5.5
5.75
6
V
9VBBAD0
SYS_CTL(VBATMON_TH_SEL)=00
or 11
5
5.25
5.5
V
10
VBGOOD1
SYS_CTL(VBATMON_TH_SEL)=01 6.45
6.7
6.95
V
11
VBBAD1
SYS_CTL(VBATMON_TH_SEL)=01 5.95
6.2
6.45
V
12
VBGOOD2
SYS_CTL(VBATMON_TH_SEL)=10
7.5
7.75
8
V
13
VBBAD2
SYS_CTL(VBATMON_TH_SEL)=10
7
7.25
7.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com