Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 223 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 223 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 219Page - STMicroelectronics L9679P Datasheet HTML 220Page - STMicroelectronics L9679P Datasheet HTML 221Page - STMicroelectronics L9679P Datasheet HTML 222Page - STMicroelectronics L9679P Datasheet HTML 223Page - STMicroelectronics L9679P Datasheet HTML 224Page - STMicroelectronics L9679P Datasheet HTML 225Page - STMicroelectronics L9679P Datasheet HTML 226Page - STMicroelectronics L9679P Datasheet HTML 227Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 272 page
background image
DocID029275 Rev 1
223/272
L9679P
Electrical characteristics
271
17.2
Internal analog reference
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C ≤ Ta ≤ +95 °C
VINBAD0(min) ≤ VIN ≤ 35 V
Table 22. Open ground detection DC specifications
No
Symbol
Parameter
Conditions / Comments
Min
Typ
Max Unit
1
GNDAOPEN
GNDA open threshold
GNDSUBx=0
100
200
300
mV
2
GNDDOPEN
GNDD open threshold
GNDSUBx=0
100
200
300
mV
3
BSTGNDOPEN BSTGND open threshold
GNDSUBx=0
100
200
300
mV
4IPU_BSTGND
BSTGND pull-up current
ER BOOST OFF and SYNC
BOOST OFF
130
-
270
μA
5
SATGNDOPEN SATGND open threshold
GNDSUBx=0
100
200
300
mV
6IPU_SATGND
SATGND pull-up current
SATBUCK OFF
80
120
160
μA
7
VCCGNDOPEN VCCGND open threshold
GNDSUBx=0
100
200
300
mV
8IPU_VCCGND
VCCGND pull-up current
VCC BUCK OFF
80
120
160
μA
Table 23. GND_OPEN_AC - Open ground detection DC specifications
No
Symbol
Parameter
Condition
Min
Typ
Max Unit
1TFLT_GNDREFOPEN
GNDA and GNDD Open
Deglitch Filter Time
-7
11
16
μs
2TFLT_GNDREGOPEN
BSTGND, SATGND,
VCCGND Open Deglitch
Filter Time
-
1.9
2.3
2.7
μs
Table 24. Internal analog reference
N°
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1VBG1
Bandgap reference
-
-1%
1.2
+1%
V
2VBG2
Bandgap monitor
-
-1%
1.2
+1%
V
3VADC_GROUND
ADC Ground reference
ADC total error included
90
104
120
mV
4VADC_FULLSCALE ADC Full scale reference -
-1.5%
2.5
+1.5%
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com