Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 226 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 226 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 222Page - STMicroelectronics L9679P Datasheet HTML 223Page - STMicroelectronics L9679P Datasheet HTML 224Page - STMicroelectronics L9679P Datasheet HTML 225Page - STMicroelectronics L9679P Datasheet HTML 226Page - STMicroelectronics L9679P Datasheet HTML 227Page - STMicroelectronics L9679P Datasheet HTML 228Page - STMicroelectronics L9679P Datasheet HTML 229Page - STMicroelectronics L9679P Datasheet HTML 230Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 272 page
background image
Electrical characteristics
L9679P
226/272
DocID029275 Rev 1
17.5
Oscillators
All electrical characteristics are valid for the following conditions unless otherwise noted:
--40 °C
 Ta  +95 °C, 3.14  CVDD  3.46.
Table 30. Oscillators specifications
N
#
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1fOSC
Main
oscillator
average
frequency
-
15.2
16
16.8
MHz
2fMOD_OSC
Main
oscillator
modulation
frequency
SPI_CLK_CNF(MAIN_SS_DIS=0)
Design Info
-
-
MHz
3IMOD_OSC
Main
oscillator
modulation
index
SPI_CLK_CNF(MAIN_SS_DIS=0)
24
6
%
4fAUX
Aux
oscillator
average
frequency
-
7.125
7.5
7.875
MHz
5fMOD_AUX
Aux
oscillator
modulation
frequency
SPI_CLK_CNF(AUX_SS_DIS=0)
Design Info
-
-
MHz
6IMOD_AUX
Aux
oscillator
modulation
index
SPI_CLK_CNF(AUX_SS_DIS=0)
2
4
6
%
7
fOSC_LOW_
TH
Main
oscillator
low
frequency
detection
threshold
-
-
MHz
8
fOSC_HIGH_
TH
Main
oscillator
high
frequency
detection
threshold
-
-
MHz
fosc
128
----------
fosc_AUX
128
------------------------
128
68
---------- fAUX_MIN
128
68
---------- fAUX_MAX
79
32
------ fAUX_MIN
79
32
------ fAUX_MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com