Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 229 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 229 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 225Page - STMicroelectronics L9679P Datasheet HTML 226Page - STMicroelectronics L9679P Datasheet HTML 227Page - STMicroelectronics L9679P Datasheet HTML 228Page - STMicroelectronics L9679P Datasheet HTML 229Page - STMicroelectronics L9679P Datasheet HTML 230Page - STMicroelectronics L9679P Datasheet HTML 231Page - STMicroelectronics L9679P Datasheet HTML 232Page - STMicroelectronics L9679P Datasheet HTML 233Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 272 page
background image
DocID029275 Rev 1
229/272
L9679P
Electrical characteristics
271
Figure 70. SPI timing diagram
17.8
ERBoost regulator
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C
 Ta  +95 °C, VINGOOD0  VIN  35 V.
Table 35. ERBoost regulator DC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1
VO_ERBST
Boost output voltage
Across all line and IO_BST
load (steady state)
SYS_CTL(ER_BST_V)=0
22.6
23.8
25
V
2
Across all line and IO_BST
load (steady state)
1SYS_CTL(ER_BST_V)=1
31.65
33
35
V
3IO_ERBST
Boost output current
-
0.1
-
70
mA
4dVSR_ac
Line transient response
All line, load; dt=100us;
BST33V = 0/1
Design Info
-8%
-
8%
%
5dVLR_ac
Load transient response
All line, load; dt=100us;
BST33V = 0/1
Design Info
-8%
-
8%
%
6RDSON_ERBST
Power switch resistance
-
-
-
1
Ω
7IOC_ERBST
Over current detection
-
650
-
1350
mA
8IOC_ERBST_ERON
ER Switch activated AND
SW_REGS_CONF(LOW_E
RBST_ILIM_ERON) = 1
125
-
600
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com