Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 231 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 231 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 227Page - STMicroelectronics L9679P Datasheet HTML 228Page - STMicroelectronics L9679P Datasheet HTML 229Page - STMicroelectronics L9679P Datasheet HTML 230Page - STMicroelectronics L9679P Datasheet HTML 231Page - STMicroelectronics L9679P Datasheet HTML 232Page - STMicroelectronics L9679P Datasheet HTML 233Page - STMicroelectronics L9679P Datasheet HTML 234Page - STMicroelectronics L9679P Datasheet HTML 235Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 272 page
background image
DocID029275 Rev 1
231/272
L9679P
Electrical characteristics
271
Table 36. ERBoost regulator AC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1FSW_ERBST
ERBOOST switching
frequency
-
1.8
1.882
2.0
MHz
2
TRISE_ERBSTSW_SLOW
TFALL_ERBSTSW_SLOW
ERBSTSW transition
time
10% to 90% voltage on
ERBSTSW
VIN ≥ VINFASTSLOPE_H =
10.3 V
Iload = 6 0mA
SYS_CTL(ER_BST_V) = 1
Guaranteed by Design
15
-
35
ns
3
TRISE_ERBSTSW_FAST
TFALL_ERBSTSW_FAST
10% to 90% voltage on
ERBSTSW
VIN = VINFASTSLOPE_L =9 V
5
-
15
ns
4TON_ERBST
ERBOOST charge-up
time
CERBOOST = 2.2 μF
Vin =12V, IO_ERBST= 5mA
SYS_CTL(ER_BST_V) = 1
Measured from CS_G
edge to VO_ERBST(min)
50
-
500
μs
5TSOFTST_IOC_ERBST
ERBOOST over current
threshold soft start time
Not tested
-5%
1024
+5%
μs
6TFLT_VIN_ERBST_COMP
Deglitch filter on
VIN_ERBoost
comparator
-27
30
33
μs
7TFLT_TSD_ERBST
Thermal shutdown filter
time
--
-
10
μs
8TSOFTST_ERBST
ERBOOST Soft-start
Time
Design Info.
Time from activation of
ERBOOST when
overcurrent is 40% of
IOC_ERBST
(IOC_ERBST_ERON) to
instant when overcurrent
is 100% of IOC_ERBST
(IOC_ERBST_ERON)
-
-
1075
μs
Table 37. ERBOOST Converter external components design info
No
Symbol
Component
Conditions
Min
Typ
Max
Unit
1LERBST
Inductance
-
8
10
12
μH
2
ESLERBST
Inductance resistance
-
-
-
0.1
Ω
3CBLK_ERBST
Output bulk capacitance to
ensure regulator stability
Min cap value including
derating factors
1
2.2
-
μF
4
ESRCBLK_ERBST Bulk capacitor ESR
-
-
50
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com