Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 235 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 235 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 231Page - STMicroelectronics L9679P Datasheet HTML 232Page - STMicroelectronics L9679P Datasheet HTML 233Page - STMicroelectronics L9679P Datasheet HTML 234Page - STMicroelectronics L9679P Datasheet HTML 235Page - STMicroelectronics L9679P Datasheet HTML 236Page - STMicroelectronics L9679P Datasheet HTML 237Page - STMicroelectronics L9679P Datasheet HTML 238Page - STMicroelectronics L9679P Datasheet HTML 239Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 272 page
background image
DocID029275 Rev 1
235/272
L9679P
Electrical characteristics
271
3IO_SYNCBST_VL_IH
SYNCBOOST output
current
SYS_CTL(SYBST_V) = 0
SYS_CFG(LOW_POWER_M
ODE) = 0
20
-
360
mA
4IO_SYNCBST_VL_IL
SYS_CTL(SYBST_V) = 0
SYS_CFG(LOW_POWER_M
ODE) = 1
20
-
240
mA
5IO_SYNCBST_VH_IH
SYS_CTL(SYBST_V) = 1
SYS_CFG(LOW_POWER_M
ODE) = 0
20
-
290
mA
6IO_SYNCBST_VH_IL
SYNCBOOST output
current
SYS_CTL(SYBST_V) = 0
SYS_CFG(LOW_POWER_M
ODE) = 1
20
-
190
mA
7dVSR_ac
Line transient response
All line, load; dt = 100 μs;
SYS_CTL(SYBST) = 0/1
Design Info
-8%
-
8%
%
8dVLR_ac
-8%
-
8%
%
9RDSON_SYNCBST
Power switch
resistance
-
-
-
0.5
Ω
10
IOC_SYNCBST_HIGH
Over current detection
of integrated MOS
SYS_CFG(LOW_POWER_
MODE) = 0
1.6
-
3.2
A
11
IOC_SYNCBST_LOW
SYS_CFG(LOW_POWER_
MODE) = 1
1.5
-
2.6
A
12
ILKG_SYNCBOOST
SYNCBOOST leakage
SYNCBOOST=40V Device off
-
-
10
μA
13
ILKG_SYNCBSTSW
SYNCBSTSW leakage
SYNCBSTSW=40V Device off
-
-
20
μA
14
VSYNCBST_OK
SYNCBOOST voltage
threshold
-
9
10
11
V
15
VSYNCBST_OV
SYNCBOOST Over
Voltage threshold
-22
23
24
V
16
VSYNCBST_DIS_TH
Voltage difference
between VIN and
SYNCBOOST to
deactivate the SYNC
Boost regulator
VIN – SYNCBOOST
1.6
2.2
2.5
V
17 VSYNCBST_CLAMP_EN_TH
Voltage difference
between SYNCBSTSW
and SYNCBOOST to
activate the SYNC
Boost CLAMP
VSYNCBSTSW –VSYNCBOOST
2.7
3.3
3.7
V
18 VVIN_SYNCBST_RESTART_TH
Voltage threshold to
restart Syncboost
regulator during ER
State
SYS_CTL(RESTART_SYBST
_SEL) = 0
Voltage threshold on VIN pin
9
-
10.3
V
19
VSYNCBST_RESTART_TH
SYS_CTL(RESTART_SYBST
_SEL) = 1
Voltage threshold on
SYNCBOOST pin
19
20
21
V
Table 44. SYNCBOOST converter DC specifications (continued)
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com