Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 239 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 239 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 235Page - STMicroelectronics L9679P Datasheet HTML 236Page - STMicroelectronics L9679P Datasheet HTML 237Page - STMicroelectronics L9679P Datasheet HTML 238Page - STMicroelectronics L9679P Datasheet HTML 239Page - STMicroelectronics L9679P Datasheet HTML 240Page - STMicroelectronics L9679P Datasheet HTML 241Page - STMicroelectronics L9679P Datasheet HTML 242Page - STMicroelectronics L9679P Datasheet HTML 243Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 272 page
background image
DocID029275 Rev 1
239/272
L9679P
Electrical characteristics
271
17.14
VCC regulator
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C
 Ta  +95 °C, VINGOOD0  VIN  35 V, VSATBCK_OK  SATBUCK
VUV_VCOREMON  VCOREMON  VOV_VCOREMON
Table 50. VCC converter DC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max
Units
1
VO_VCC
VCCBUCK Output
Voltage
Across all line and load,
steady state
VCCSEL < VTH1_L_VCCSEL
3.20
3.3
3.40
V
2
Across all line and load,
steady state
VCCSEL = > VTH1_H_VCCSEL
4.85
5
5.15
V
3IO_VCC3V_HI
VCCBUCK output current
VCCSEL < VTH1_L_VCCSEL
LOW_POWER_MODE = 0
20
-
420
mA
4IO_VCC3V_LO
VCCSEL < VTH1_L_VCCSEL
LOW_POWER_MODE = 1
20
-
230
mA
5IO_VCC5V_HI
VCCSEL > VTH1_H_VCCSEL
LOW_POWER_MODE = 0
20
-
270
mA
6dVSR_ac
Line transient response
All line, load; dt=100 μs;
Design Info
-4%
-
4%
%
7dVLR_ac
Load transient response
All line, load; dt=100 μs;
Design Info
-4%
-
4%
%
8RDSON_VCCBCK_HS
High side power switch
resistance
-
-
-
0.6
9RDSON_VCCBCK_LS
Low side power switch
resistance
-
-
-
0.6
10
IOC_HS_VCCBCK_HI
High side over current
detection
SYS_CFG(LOW_POWER_
MODE) = 0
0.59
0.75
0.9
A
11 IOC_HS_VCCBCK_LO
SYS_CFG(LOW_POWER_
MODE) = 1
0.4
0.56
0.7
A
12
IOCP_LS_VCCBCK
Low side positive over
current detection
VVCCBCKSW > 0
SYS_CFG(LOW_POWER_
MODE) = 0 / 1
1
-
100
mA
13 IOCN_LS_VCCBCK_HI
Low side negative over
current detection
VVCCBCKSW = 0
LOW_POWER_MODE = 0
0.67
0.9
1.13
A
14 IOCN_LS_VCCBCK_LO
VVCCBCKSW = 0
LOW_POWER_MODE = 1
0.49
0.65
0.82
A
15
IOF_VCC
Open feedback current
on VCC
-
100
150
200
μA
16
VCCOV3V
VCC over voltage
detection
VCCSEL < VTH2_L_VCCSEL
3.43
-
3.6
V
17
VCCOV5V
VCCSEL > VTH2_H_VCCSEL
5.25
-
5.50
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com