Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 243 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 243 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 239Page - STMicroelectronics L9679P Datasheet HTML 240Page - STMicroelectronics L9679P Datasheet HTML 241Page - STMicroelectronics L9679P Datasheet HTML 242Page - STMicroelectronics L9679P Datasheet HTML 243Page - STMicroelectronics L9679P Datasheet HTML 244Page - STMicroelectronics L9679P Datasheet HTML 245Page - STMicroelectronics L9679P Datasheet HTML 246Page - STMicroelectronics L9679P Datasheet HTML 247Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 272 page
background image
DocID029275 Rev 1
243/272
L9679P
Electrical characteristics
271
9ILKG_SS_OFF
SSxy leakage current
Device OFF
SSxy ≤ 35 V
SFx=SFy=0
-10
-
10
μA
10
ILKG_SS_ON_
1CH
Device ON
SSxy ≤ 35 V
SFx = 0
SSxy Leakage current of each
channel
Not Tested
70
100
130
μA
11
ILKG_SS_ON
Device ON
SSxy ≤ 35 V
SFx = SFy = 0
Total SSxy leakage current with
both x and y channels NOT
armed (= 2 * 100μA)
140
200
260
μA
12
ILKG_SS_CH_
ARMED
Device ON
SSxy ≤ 35 V
SFx = 0
Total SSxy leakage current with
only one channel armed (=520 +
100 μA)
450
620
850
μA
13
ILKG_SS_2CH
_ARMED
Device ON
SSxy ≤ 35 V
SFx = SFy = 0
Total SSxy leakage current with
both x and y channels armed (=
2* 520 μA)
Not Tested
884
1040
1196
μA
14
ILKG_SF_ON_
0V
SF Leakage Current
Device ON,
SYNCBOOST = SSxy = 35V,
SFx = 0V
-5
-
5
μA
15
ILKG_SF_ON_
35V
Device ON,
SYNCBOOST = SSxy = 35V,
SFx = 35V
-5
-
50
μA
16
ILKG_SF_OFF
_0V
Device OFF
SYNCBOOST = open,
SSxy = open but all SSxy pins
connected,
SFx = 0V
-5
-
5
μA
17
ILKG_SF_OFF
_35V
Device OFF
SYNCBOOST = open,
SSxy = open but all SSxy pins
connected,
SFx = 35V
-5
-
50
μA
Table 55. Deployment drivers – DC specifications (continued)
No
Symbol
Parameter
Comments / Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com