Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 246 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 246 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 242Page - STMicroelectronics L9679P Datasheet HTML 243Page - STMicroelectronics L9679P Datasheet HTML 244Page - STMicroelectronics L9679P Datasheet HTML 245Page - STMicroelectronics L9679P Datasheet HTML 246Page - STMicroelectronics L9679P Datasheet HTML 247Page - STMicroelectronics L9679P Datasheet HTML 248Page - STMicroelectronics L9679P Datasheet HTML 249Page - STMicroelectronics L9679P Datasheet HTML 250Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 272 page
background image
Electrical characteristics
L9679P
246/272
DocID029275 Rev 1
Table 56. Deployment drivers – AC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1
TDEPL
Deployment time
DCR_x(Dep_Current) =
IDEPL_LO ≥1.209A rising to
1.209A falling;
TDEPL =
DCR_x(Deploy_Time)*
TDEP_TIME_RES - TDEL_IDEP
-
DCR_
x(Depl
oy_Ti
me)*
TDEP
_TIM
E_RE
S - 65
-
-
DCR
_x(D
eploy
_Tim
e)*
TDEP
_TIME
_RES -
ms
2
3
4TDEP_TIME_RES
DCR_x Deploy_Time
resolution
--
-
μs
5TDEP_CC_RES
Deployment current counter
resolution
--
-
μs
6TRISE_IDEPL
Rise time
10% - 90% of IDEPL
SSxy = 25 V,
RSQ = 2.2 ohm,
C = 22 nF L = 44 μH
--
32
μs
7TDEL_IDEP
Delay time
SPI_CS to 90% IDEPL
--
65
μs
8TFALL_IDEPL
Fall time
90% - 10% IDEPL
--
32
μs
9TDEL_SD_LS
Low side shutdown delay
time
(with respect to high-side
deactivation)
-50
-
-
μs
10
TFLT_ILIM_LS
Low side overcurrent to low
side deactivation deglitch
time in short to battery
condition
-
80
100
120
μs
11
TFLT_OS_LS
Low side overcurrent to high
side deactivation deglitch
time in case of intermittent
open to squib condition
--
-
20
μs
12
TOFF_OS_HS
High side OFF time in case
of intermittent open to squib
condition
-4
-
12
μs
1024
fosc
-------------
256
fosc
----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com