Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 250 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 250 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 246Page - STMicroelectronics L9679P Datasheet HTML 247Page - STMicroelectronics L9679P Datasheet HTML 248Page - STMicroelectronics L9679P Datasheet HTML 249Page - STMicroelectronics L9679P Datasheet HTML 250Page - STMicroelectronics L9679P Datasheet HTML 251Page - STMicroelectronics L9679P Datasheet HTML 252Page - STMicroelectronics L9679P Datasheet HTML 253Page - STMicroelectronics L9679P Datasheet HTML 254Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 272 page
background image
Electrical characteristics
L9679P
250/272
DocID029275 Rev 1
17.17.3
High/low side FET test
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C
 Ta  +95 °C, VINGOOD0(max)  VIN  35 V, 6 V  SSxy  35 V, 7 V  SYNCBOOST 
35 V.
17.17.4
Deployment timer test
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C
 Ta  +95 °C, VINGOOD0  VIN  35 V.
Table 59. High/low side FET test
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1IHS_FET_TH
Detection threshold
high side FET test
-
-12%
1.8
+12%
mA
2ILS_FET_TH
Detection threshold
low side FET test
SYS_CTL(PD&VRCM_SEL) = 0 -15.5%
450
+15.5%
μA
3ILS_FET_TH_HIGH
SYS_CTL(PD&VRCM_SEL) = 1
-15%
2
+15%
mA
4EFET_TEST
Energy transferred to
squib during HS/LS
FET tests
Design Info
-
-
170
μJ
5TDRIVER_DIS
Driver Disable time
Guarantee by design
-
-
1.5
μs
6
TTOT_FETTEST_A
CTIVE
Total FET test activation
time in case of no fault
condition
Guarantee by design
-
-
4
μs
7TFETTIMEOUT
HS/LS FET test timeout -
190
200
210
μs
8TFLT_LKGB_FT
Deglitch filter time
during FET test on
IHS_FET_TH / ILS_FET_TH
current thresholds
-
0.8
1
1.2
μs
9ILIM_HS_FET
HS FET current in HS
driver diagnostics
Not tested because of item # 1 in
errata sheet
40
50
60
mA
10
SGxyOPEN
Squib open ground
detection
GNDSUBx as ground reference
300
450
600
mV
11
TFLT_SGOPEN
Squib open ground
detection filter time
-46
50
54
μs
Table 60. Deployment timer test - AC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max Unit
1
tPULSE_PERIOD
Deployment timer pulse
test period time
SYSDIAGREQ(DSTEST)=PULSE
78
9
ms
2IPULSE_HIGH
Deployment timer pulse
test high time
-
DCR_x(
Deploy_
Time)*
TDEP_TIM
E_RES
-
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com