Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 248 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 248 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 244Page - STMicroelectronics L9679P Datasheet HTML 245Page - STMicroelectronics L9679P Datasheet HTML 246Page - STMicroelectronics L9679P Datasheet HTML 247Page - STMicroelectronics L9679P Datasheet HTML 248Page - STMicroelectronics L9679P Datasheet HTML 249Page - STMicroelectronics L9679P Datasheet HTML 250Page - STMicroelectronics L9679P Datasheet HTML 251Page - STMicroelectronics L9679P Datasheet HTML 252Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 272 page
background image
Electrical characteristics
L9679P
248/272
DocID029275 Rev 1
17.17.2
Squib leakage test (VRCM)
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C
 Ta  +95 °C, VINGOOD0  VIN  35 V, 3.14 ≤ CVDD ≤ 3.46
15
VLKG_SF
SFx leakage voltage source Design info
-1
-
18
V
16
RSQ_ACC
Squib resistance
measurement accuracy
After software calculation
All errors included
RSQ between 1.0 Ω and 10.0 Ω
With High Current Source
(40 mA)
-8%
-
+8
%
17
-
EMI input low-pass filter
Design Info
50
-
100
kHz
Table 57. Deployment drivers diagnostics - Squib resistance measurement (continued)
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 58. Squib Leakage Test (VRCM)
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1
VOUT_VRCM
Output Voltage on SF or
SR pins during Leakage
test
IOUT = 0 mA
-10%
2.5
+10%
V
2IOUT = 6.6 mA
1.9
-
2.5
V
3RLKG_GSG_TH
Detection threshold,
leakage to GND
Leakage detected if RLKG_GSG
≤ 1 kΩ and not detected if
RLKG_GSG ≥ 10 kΩ
Design Info
1
-
10
kΩ
4a
ILKG_GSQ_TH_L
Equivalent to resistance range
SYS_CTL(PD&VRCM_SEL) = 0
-25 °C ≤ Tj ≤ +150 °C
guaranteed by
design/characterization
-15.5
%
450
+15.5
%
μA
4b
Equivalent to resistance range
SYS_CTL(PD&VRCM_SEL) = 0
-40 °C ≤ Tj ≤ +150 °C
-17%
450
+15.5
%
μA
5ILKG_GSQ_TH_H
SYS_CTL(PD&VRCM_SEL) = 1 -15%
2
15%
mA
6
TFLT_LKG
Leakage to GND deglitch
filter time
-17
20
23
μs
7RLKG_BSQ_TH
Detection threshold,
leakage to battery
Leakage detected if RLKG_GSG
≤ 1 kΩ and not detected if
RLKG_GSG ≥ 10 kΩ
Design Info
1
-
10
kΩ
8a
ILKG_BSQ_TH
Equivalent to resistance range
-25 °C ≤ Tj ≤ +150 °C
guaranteed by
design/characterization
-12%
1.8
+15%
mA
8b
-40 °C ≤ Tj ≤ +150 °C
-17%
1.8
+15%
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com