Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 245 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 245 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 241Page - STMicroelectronics L9679P Datasheet HTML 242Page - STMicroelectronics L9679P Datasheet HTML 243Page - STMicroelectronics L9679P Datasheet HTML 244Page - STMicroelectronics L9679P Datasheet HTML 245Page - STMicroelectronics L9679P Datasheet HTML 246Page - STMicroelectronics L9679P Datasheet HTML 247Page - STMicroelectronics L9679P Datasheet HTML 248Page - STMicroelectronics L9679P Datasheet HTML 249Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 272 page
background image
DocID029275 Rev 1
245/272
L9679P
Electrical characteristics
271
Figure 71. Deployment drivers diagram
31
LCSx
Clock Spring Inductance
Design Info
0
-
42.9
μH
32
kL_CS1 –
L_CS2
Clock Spring Coupling
Design Info
0.739
-
0.903
-
33
LEMI
Squib EMI protection
Design Info
0
-
7.7
μH
1.
In case of an unsupplied device and shorted deployment pins (e.g. to battery voltage), the dynamic reverse current through
the high side power stage depends on CSSxy.
2. LDEPL could be calculated in the following way:
Non-Clock Spring Loops: LDEPL(max) = LWire(10m*2) + LEMI = (3.6uH/m * 10m) + 7.7uH =43.7uH
Clock Spring Loops: LWire(3m*2) + 2*LCSx + LEMI - (2*kL_CX*SQRT(L_CS1*L_CS2)) = = (3.6uH/m * 3m) + 2 * 42.9uH + 7.7uH -
(2 * 0.739 * 42.9uH) = 40.9uHClock Spring Loops with short to ground
LDEPL(max) = LWire(3m) + LCSx + LEMI = (1.8uH/m * 3m) + 42.9uH + 7.7uH = 56uH.
Table 55. Deployment drivers – DC specifications (continued)
No
Symbol
Parameter
Comments / Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com