Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 249 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 249 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 245Page - STMicroelectronics L9679P Datasheet HTML 246Page - STMicroelectronics L9679P Datasheet HTML 247Page - STMicroelectronics L9679P Datasheet HTML 248Page - STMicroelectronics L9679P Datasheet HTML 249Page - STMicroelectronics L9679P Datasheet HTML 250Page - STMicroelectronics L9679P Datasheet HTML 251Page - STMicroelectronics L9679P Datasheet HTML 252Page - STMicroelectronics L9679P Datasheet HTML 253Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 272 page
background image
DocID029275 Rev 1
249/272
L9679P
Electrical characteristics
271
9TFLT_LKG
Leakage to BAT deglitch
filter time
-17
20
23
μs
10
ILIM_VRCM_SRC
VRCM current limitation
-
-20
-
-10
mA
11
ILIM_VRCM_SINK
-
10
-
20
mA
12
VSHIFT
External ground or battery
shift
Design Info
-1
-
+1
V
13
RSQ_LOW_TH
Detection threshold for
“resistance too low”
Design Info
200
-
500
14a
IRSQ_LOW_TH
Equivalent to resistance range
-25 °C ≤ Tj ≤ +150 °C
guaranteed by
design/characterization
-12%
6
+12%
mA
14b
-40 °C ≤ Tj ≤ +150 °C
-17%
6
+12%
mA
15
TFLT_RLOW
“Resistance too low”
deglitch filter time
-12
15
18
μs
16
RSQ_HIGH
Detection Threshold for
“resistance too high”
Design Info
2
-
5
kΩ
17a
IRSQ_HIGH
Equivalent to resistance range
-25 °C ≤ Tj ≤ +150 °C
guaranteed by
design/characterization
-17%
700
+17%
μA
17b
-40 °C ≤ Tj ≤ +150 °C
-17%
700
+22%
μA
18
TFLT_RHIGH
“Resistance too high”
deglitch filter time
-12
15
18
μs
19
Tdelay_STG_sele
ction
Time needed to change
the VRCM STG thresholds
(450 μA-to-2 mA or 2 mA-
to-450 μA)
guaranteed by design
-
-
2
μs
Table 58. Squib Leakage Test (VRCM)
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com