Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 225 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 225 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 221Page - STMicroelectronics L9679P Datasheet HTML 222Page - STMicroelectronics L9679P Datasheet HTML 223Page - STMicroelectronics L9679P Datasheet HTML 224Page - STMicroelectronics L9679P Datasheet HTML 225Page - STMicroelectronics L9679P Datasheet HTML 226Page - STMicroelectronics L9679P Datasheet HTML 227Page - STMicroelectronics L9679P Datasheet HTML 228Page - STMicroelectronics L9679P Datasheet HTML 229Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 272 page
background image
DocID029275 Rev 1
225/272
L9679P
Electrical characteristics
271
17.4
Watchdog
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C
 Ta  +95 °C, VIN
GOOD0  VIN  35 V
Table 27. Temporal watchdog timer AC specifications (WD1)
No
Symbol
Parameter
Condition
Min
Typ
Max Unit
1TWDT1_TIMEOUT Temporal watchdog timeout
-
-
-
2.00
ms
-
-
16.3
ms
2TWDT1_RST
Temporal watchdog reset time -
0.9
1.0
1.1
ms
Table 28. Algorithmic watchdog timer DC specifications (WD2)
No
Symbol
Parameter
Condition
Min
Typ Max Unit
1VOH_WD2LCKOUT
WD2LockOut output voltage
ILOAD = -0.5 mA
VCC-0.6
-
VCC
V
2VOL_WD2LCKOUT
ILOAD = 2.0 mA
0
-
0.4
V
Table 29. Algorithmic watchdog timer AC specifications (WD2)
No
Symbol
Parameter
Condition
Min
Typ
Max
Unit
1TWDT2_TIMEOUT
Algorithmic watchdog timeout -
45
50
55
ms
2TWDT2_RST
Algorithmic watchdog reset
time
-
0.9
1.0
1.1
ms
3TRISE_ WD2LCKOUT WD2LockOut rise time
50 pF load, 20%-80%
-
-
1.0
μs
4TFALL_ WD2LCKOUT WD2LockOut fall time
50 pF load, 20%-80%
-
-
1.0
μs
5fWD2_SEED
WD2 Seed Counter Rate
-
-
-
MHz
fosc
512
----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com