Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF5821 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FDMF5821
Description  Smart Power Stage (SPS) Module with Integrated Temperature Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF5821 Datasheet(HTML) 4 Page - ON Semiconductor

  FDMF5821 Datasheet HTML 1Page - ON Semiconductor FDMF5821 Datasheet HTML 2Page - ON Semiconductor FDMF5821 Datasheet HTML 3Page - ON Semiconductor FDMF5821 Datasheet HTML 4Page - ON Semiconductor FDMF5821 Datasheet HTML 5Page - ON Semiconductor FDMF5821 Datasheet HTML 6Page - ON Semiconductor FDMF5821 Datasheet HTML 7Page - ON Semiconductor FDMF5821 Datasheet HTML 8Page - ON Semiconductor FDMF5821 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FDMF5821 • Rev. 1.0
3
Pin Configuration
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
SW
SW
SW
GL
PGND
PVCC
TMON
EN/
FAULT#
PGND
PGND
PGND
PGND
VIN
VIN
VIN
8
7
6
5
4
3
2
1
16
17
18
19
20
21
22
23
32
AGND
33
GL
Figure 3.
Pin Configuration - Top View and Transparent View
Pin Definitions
Pin #
Name
Description
1
PWM
PWM input to the gate driver IC
2
ZCD#
Enable input for the ZCD (Auto DCM) comparator
3
VCC
Power supply input for all analog control functions; this is the
“quiet” VCC
4, 32
AGND
Analog ground for analog portions of the IC and for substrate, internally tied to PGND
5
BOOT
Supply for the high-side MOSFET gate driver. A capacitor from BOOT to PHASE supplies
the charge to turn on the N-channel high-side MOSFET
6
NC
No connect
7
PHASE
Return connection for the boot capacitor, internally tied to SW node
8~11
VIN
Power input for the power stage
12~15, 28
PGND
Power return for the power stage
16~26
SW
Switching node junction between high-side and low-side MOSFETs; also input to the gate
driver SW node comparator and input into the ZCD comparator
27, 33
GL
Gate Low, Low-side MOSFET gate monitor
29
PVCC
Power supply input for LS
(1) gate driver and boot diode
30
TMON
Temperature monitoring & reporting / programmable thermal shutdown pin
31
EN /
FAULT#
Dual-functionality: enable input to the gate driver IC; FAULT# - internal pull-down
physically pulls this pin LOW upon detection of fault condition (HS
(2) MOSFET short or
TMON signal exceeding 1.5 V)
Notes:
1.
LS = Low Side.
2.
HS = High Side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com