Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF5821 Datasheet(PDF) 17 Page - ON Semiconductor

Part # FDMF5821
Description  Smart Power Stage (SPS) Module with Integrated Temperature Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF5821 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button FDMF5821 Datasheet HTML 13Page - ON Semiconductor FDMF5821 Datasheet HTML 14Page - ON Semiconductor FDMF5821 Datasheet HTML 15Page - ON Semiconductor FDMF5821 Datasheet HTML 16Page - ON Semiconductor FDMF5821 Datasheet HTML 17Page - ON Semiconductor FDMF5821 Datasheet HTML 18Page - ON Semiconductor FDMF5821 Datasheet HTML 19Page - ON Semiconductor FDMF5821 Datasheet HTML 20Page - ON Semiconductor FDMF5821 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FDMF5821 • Rev. 1.0
16
Zero Cross Detect (ZCD) Operation
The ZCD control block houses the circuitry that
determines when the inductor current reverses direction
and controls when to turn off the low-side MOSFET. A
low offset comparator monitors
the SW-to-PGND
voltage of the low-side MOSFET during the LS
MOSFET on-time. When the sensed voltage switches
polarity from negative to positive, the comparator
changes state and reverse current has been detected.
This comparator offset must sense the negative VSW
within a 0.5 mV worst-case range. The negative offset
is to ensure the inductor current never reverses; some
small body-diode conduction is preferable to having
negative current.
The comparator is switched on after the rising edge of
the low-side gate drive and turned off by the signal at
the input to the low-side gate driver. In this way, the
zero-current comparator is connected with a break-
before-make connection, allowing the comparator to be
designed with low-voltage transistors.
PWM
ZCD#
GH to
SW
GL
SW
Inductor
Current
(simplified
slopes)
SW
(zoom)
VIH_ZCD#
tPD_PHGLL
VIL_ZCD#
VIH_PWM
VIH_PWM
VIH_PWM
VIL_PWM
10%
90%
90%
10%
tD_DEADON
tPD_PLGHL
tD_DEADOFF
tPD_PHGLL
tD_DEADON2
tPD_ZCD
10%
10%
90%
tPD_PHGHH
10%
Delay from PWM going
HIGH to HS VGS HIGH
(HS turn-on in DCM)
90%
10%
90%
tPD_ZHGLH
tPD_ZLGLL
Delay from ZCD# going
HIGH to LS VGS HIGH
Delay from ZCD# going
LOW to LS VGS LOW
VIN
VOUT
CCM
CCM
(Negative inductor current)
DCM
DCM
CCM operation with
positive inductor current
CCM operation with
negative inductor current
DCM operation: Diode
Emulation using the GL (LS
MOSFET VGS) to eliminate
negative inductor current
DCM operation: Diode
Emulation using the GL (LS
MOSFET VGS) to eliminate
negative inductor current
ZCD# used to
control negative
inductor current
(fault condition)
VZCD_OFF :
-0.5mV
Figure 34.
ZCD# & PWM Timing Diagram
Temperature Monitor (TMON)
The FDMF5821 provides a temperature monitor (TMON)
to warn of over-temperature conditions. The gate driver
uses the TMON pin to source an analog current
proportional to absolute temperature (PTAT). It is
expected that the analog current will be used with a
properly chosen external resistor to AGND to develop a
voltage across TMON (VTMON) proportional to the
temperature. A filter capacitance may be needed to
minimize noise spikes in the analog current, ITMON. Noise
spikes are generated from power MOSFET switching
dv / dt and di / dt coupling back into the driver VCC pin.
The TMON pin needs a pull-down resistor (RTMON) and
filter capacitor (CTMON) to AGND. With 25 kΩ RTMON and
0.1 µF CTMON, the TMON voltage is around 1 V at 25°C
of gate driver TJ, and 1.5 V when the driver temperature
reaches 150°C. The VTMON signal can be connected to
PWM controller or MCU in system to indicate the
thermal status of the gate driver. Figure 35 shows gate
driver temperature versus TMON pin voltage with 25 k
Ω
RTMON and 0.1 µF CTMON.
25
150
TJ [°C]
1.0
1.45
VTMON
[V]
* RTMON = 25 kW, CTMON = 0.1 µF
Figure 35.
Gate Driver TJ vs. VTMON
The TMON voltage is defined by following equation:
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com