Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF5821 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FDMF5821
Description  Smart Power Stage (SPS) Module with Integrated Temperature Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF5821 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FDMF5821 Datasheet HTML 3Page - ON Semiconductor FDMF5821 Datasheet HTML 4Page - ON Semiconductor FDMF5821 Datasheet HTML 5Page - ON Semiconductor FDMF5821 Datasheet HTML 6Page - ON Semiconductor FDMF5821 Datasheet HTML 7Page - ON Semiconductor FDMF5821 Datasheet HTML 8Page - ON Semiconductor FDMF5821 Datasheet HTML 9Page - ON Semiconductor FDMF5821 Datasheet HTML 10Page - ON Semiconductor FDMF5821 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FDMF5821 • Rev. 1.0
6
Electrical Characteristics
Typical value is under VIN=12 V, VCC=PVCC=5 V and TA=TJ=+ 25°C unless otherwise noted. Minimum / Maximum
values are under VIN=12 V, VCC=PVCC=5 V ± 10% and TJ=TA=-40 ~ 125°C unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
tD_DEADON
LS Off to HS On Dead Time
GL Going LOW to GH Going HIGH, 10%
GL to 10% GH, PWM Transition LOW to
HIGH
– See Figure 27
10
ns
tD_DEADOFF
HS Off to LS On Dead Time
GH Going LOW to GL Going HIGH, 10%
GH to 10% GL, PWM Transition HIGH to
LOW
– See Figure 27
5
ns
tR_GH_20A
GH Rise Time under 20 A IOUT
10% GH to 90% GH, IOUT=20 A
9
ns
tF_GH_20A
GH Fall Time under 20 A IOUT
90% GH to 10% GH, IOUT=20 A
9
ns
tR_GL_20A
GL Rise Time under 20 A IOUT
10% GL to 90% GL, IOUT=20 A
9
ns
tF_GL_20A
GL Fall Time under 20 A IOUT
90% GL to 10% GL, IOUT=20 A
6
ns
tPD_TSGHH
Exiting 3-State Propagation
Delay
PWM (from 3-State) Going HIGH to GH
Going HIGH, VIH_PWM to 10% GH
45
ns
tPD_TSGLH
Exiting 3-State Propagation
Delay
PWM (from 3-State) Going LOW to GL
Going HIGH, VIL_PWM to 10% GL
45
ns
High-Side Driver (HDRV, VCC = PVCC = 5 V)
RSOURCE_GH
Output Impedance, Sourcing
Source Current=100 mA
0.68
Ω
RSINK_GH
Output Impedance, Sinking
Sink Current=100 mA
0.9
Ω
tR_GH
GH Rise Time
10% GH to 90% GH, CLOAD=1.3 nF
4
ns
tF_GH
GH Fall Time
90% GH to 10% GH, CLOAD=1.3 nF
3
ns
Weak Low-Side Driver (LDRV2 Only under CCM2 Mode Operation, VCC = PVCC = 5 V)
RSOURCE_GL
Output Impedance, Sourcing
Source Current=100 mA
0.82
Ω
ISOURCE_GL
Output Sourcing Peak Current
GL=2.5 V
2
A
RSINK_GL
Output Impedance, Sinking
Sink Current=100 mA
0.86
Ω
ISINK_GL
Output Sinking Peak Current
GL=2.5 V
2
A
Low-Side Driver (Paralleled LDRV1 + LDRV2 under CCM1 Mode Operation, VCC = PVCC = 5 V)
RSOURCE_GL
Output Impedance, Sourcing
Source Current=100 mA
0.47
Ω
ISOURCE_GL
Output Sourcing Peak Current
GL=2.5 V
4
A
RSINK_GL
Output Impedance, Sinking
Sink Current=100 mA
0.29
Ω
ISINK_GL
Output Sinking Peak Current
GL=2.5 V
7
A
tR_GL
GL Rise Time
10% GL to 90% GL, CLOAD=7.0 nF
9
ns
tF_GL
GL Fall Time
90% GL to 10% GL, CLOAD=7.0 nF
6
ns
Thermal Monitor Current
ITMON_25
Thermal Monitor Current
TA=TJ=25°C
39.3
40.2
41.0
µA
ITMON_150
Thermal Monitor Current
TA=TJ=150°C
58
µA
ITMON_SLOPE
Thermal Monitor Current Slope
TA=TJ=25 ~ 150°C
0.144
µA/°C
Programmable Thermal Shutdown
VACT_PTHDN
Activation Voltage
TA=TJ=125 ~ 150°C, RTMON=25 kΩ
1.39
1.62
V
RPLD_EN-PTHDN Pull-Down Resistance
TA=TJ=25°C, IPLD_EN-PTHDN=5 mA
30
Ω
Catastrophic Fault (SW Monitor)
VSW_MON
SW Monitor Reference Voltage
1.3
2
V
tD_FAULT
Propagation Delay to Pull EN /
FAULT# Signal = LOW
20
ns
Boot Diode
VF
Forward-Voltage Drop
IF=10 mA
0.4
V
VR
Breakdown Voltage
IR=1 mA
30
V
Note:
6.
GH = Gate High, internal gate pin of the high-side MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com