Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF5821 Datasheet(PDF) 18 Page - ON Semiconductor

Part # FDMF5821
Description  Smart Power Stage (SPS) Module with Integrated Temperature Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF5821 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button FDMF5821 Datasheet HTML 14Page - ON Semiconductor FDMF5821 Datasheet HTML 15Page - ON Semiconductor FDMF5821 Datasheet HTML 16Page - ON Semiconductor FDMF5821 Datasheet HTML 17Page - ON Semiconductor FDMF5821 Datasheet HTML 18Page - ON Semiconductor FDMF5821 Datasheet HTML 19Page - ON Semiconductor FDMF5821 Datasheet HTML 20Page - ON Semiconductor FDMF5821 Datasheet HTML 21Page - ON Semiconductor FDMF5821 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FDMF5821 • Rev. 1.0
17
Programmable Thermal Shutdown (P-THDN)
When the TMON pin voltage exceeds 1.5 V, the internal
comparator shuts down the driver (EN pin goes LOW).
The programmable thermal shutdown temperature
range can be adjusted by RTMON so that the shutdown
temperature can be customized. The equation below
shows the relationship between RTMON value in design
and desirable thermal shutdown temperature.
(2)
Figure 36 shows the relationship between RTMON and P-
THDN temperature. Increasing the RTMON value results
in a lower P-THDN temperature. The system designer
can define the shutdown temperature of FDMF5821
based on the system thermal design.
The P-THDN is a latch-off shutdown, so the (POR) on
VCC is needs to re-enable the gate driver. If not using
TMON / P-THDN features, tie the TMON pin to AGND.
100
200
P-THDN
Temp. [°C]
29.5 RTMON [kW]
* VTMON = 1.5 V, CTMON = 0.1 µF
25.9
23
150
Figure 36.
RTMON vs. P-THDN Temperature
Catastrophic Fault
SPS FDMF5821 includes a catastrophic fault feature. If
a HS MOSFET short is detected, the driver internally
pulls the EN / FAULT# pin LOW and shuts down the
SPS driver. The intention is to implement a basic circuit
to test the HS MOSFET short by monitoring LDRV and
the state of SW node.
If a HS short fault is detected, the SPS module clocks
the fault latch shutting down the module. The module
requires a VCC POR event to restart.
PWM
LDRV
(internal)
SW
SW-Fault
(internal)
FAULT
(internal)
EN/FAULT#
Potential noise from
adjacent phases switching
HS FET short during
LS FET turning on
false trigger
Normal switching operation
EN/FAULT#
pulled LOW and
driver IC disabled
Figure 37.
Catastrophic Fault Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com