Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF5821 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDMF5821
Description  Smart Power Stage (SPS) Module with Integrated Temperature Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF5821 Datasheet(HTML) 3 Page - ON Semiconductor

  FDMF5821 Datasheet HTML 1Page - ON Semiconductor FDMF5821 Datasheet HTML 2Page - ON Semiconductor FDMF5821 Datasheet HTML 3Page - ON Semiconductor FDMF5821 Datasheet HTML 4Page - ON Semiconductor FDMF5821 Datasheet HTML 5Page - ON Semiconductor FDMF5821 Datasheet HTML 6Page - ON Semiconductor FDMF5821 Datasheet HTML 7Page - ON Semiconductor FDMF5821 Datasheet HTML 8Page - ON Semiconductor FDMF5821 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FDMF5821 • Rev. 1.0
2
Application Diagram
CVIN
CVCC
CPVCC
FDMF5821
PWM
ZCD#
TMON
EN/FAULT#
PVCC
VCC
VIN
BOOT
PHASE
SW
AGND
RVCC
VIN
V5V
EN
PWM Input
VOUT
LOUT
OFF
ON
RBOOT
CBOOT
COUT
PGND
ITMON
RTMON
VTMON
GL
Figure 1.
Typical Application Diagram
Functional Block Diagram
BOOT
PVCC
VIN
FAULT
PWM CONTROL
LOGIC
PWM INPUT
EN/UVLO
ZCD/CCM/DCM
LOGIC
LEVEL
SHIFT
THERMAL
MONITOR
EN/
FAULT#
HDRV
LDRV1
LDRV2
FAULT
LATCH
TMON
VCC
PWM
PHASE
SW
PGND
ZCD#
AGND
GL
1.5V
VCC
VCC
↓ 10uA
PVCC
PVCC
0.8V/2.0V
0.8V/2.0V
←
ITMON
POR
POR
RUP_PWM
RDN_PWM
Figure 2.
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com