Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF5821 Datasheet(PDF) 19 Page - ON Semiconductor

Part # FDMF5821
Description  Smart Power Stage (SPS) Module with Integrated Temperature Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF5821 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button FDMF5821 Datasheet HTML 15Page - ON Semiconductor FDMF5821 Datasheet HTML 16Page - ON Semiconductor FDMF5821 Datasheet HTML 17Page - ON Semiconductor FDMF5821 Datasheet HTML 18Page - ON Semiconductor FDMF5821 Datasheet HTML 19Page - ON Semiconductor FDMF5821 Datasheet HTML 20Page - ON Semiconductor FDMF5821 Datasheet HTML 21Page - ON Semiconductor FDMF5821 Datasheet HTML 22Page - ON Semiconductor FDMF5821 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FDMF5821 • Rev. 1.0
18
Application Information
Decoupling Capacitor for PVCC & VCC
For the supply inputs (PVCC and VCC pins), local
decoupling capacitors are required to supply the peak
driving current and to reduce noise during switching
operation. Use at least 0.68 ~ 1 µF / 0402 ~ 0603 / X5R
~ X7R multi-layer ceramic capacitors for both power
rails. Keep these capacitors close to the PVCC and
VCC pins and PGND and AGND copper planes. If they
need to be located on the bottom side of board, put
through-hole vias on each pads of the decoupling
capacitors to connect the capacitor pads on bottom with
PVCC and VCC pins on top.
The supply voltage range on PVCC and VCC is 4.5 V ~
5.5 V, typically 5 V for normal applications.
R-C Filter on VCC
The PVCC pin provides power to the gate drive of the
high-side and low-side power MOSFETs. In most cases,
PVCC can be connected directly to VCC, which is the
pin that provides power to the analog and logic blocks of
the driver. To avoid switching noise injection from PVCC
into VCC, a filter resistor can be inserted between
PVCC and VCC decoupling capacitors.
Recommended filter resistor value range is 0 ~ 10
Ω,
typically 0
Ω for most applications.
Bootstrap Circuit
The bootstrap circuit uses a charge storage capacitor
(CBOOT). A bootstrap capacitor of 0.1 ~ 0.22 µF / 0402 ~
0603 / X5R ~ X7R is usually appropriate for most
switching applications. A series bootstrap resistor may
be needed for specific applications to lower high-side
MOSFET switching speed. The boot resistor is required
when the SPS is switching above 15 V VIN; when it is
effective at controlling VSW overshoot. RBOOT value from
zero to 6
Ω is typically recommended to reduce
excessive voltage spike and ringing on the SW node. A
higher RBOOT value can cause lower efficiency due to
high switching loss of high-side MOSFET.
Do not add a capacitor or resistor between the BOOT
pin and GND.
EN / FAULT# (Input / Output)
The driver in SPS is enabled by pulling the EN pin
HIGH. The EN pin has internal 250 k
Ω pull-down
resistor, so it needs to be pulled-up to VCC with an
external resistor or connected to the controller or system
to follow up the command from them. If the EN pin is
floated, it cannot turn on the driver.
The fault flag LOW signal is asserted on the EN /
FAULT# pin when the driver temperature reaches P-
THDN temperature or a high-side MOSFET fault occurs.
Then the driver shuts down.
The typical pull-up resistor value on EN ~ VCC is 10 k
Ω.
Do not add a noise filter capacitor on the EN pin.
PWM (Input)
The PWM pin recognizes three different logic levels
from PWM controller: HIGH, LOW, and 3-state. When
the PWM pin receives a HIGH command, the gate
driver turns on the high-side MOSFET. When the PWM
pin receives a LOW command, the gate driver turns on
the low-side MOSFET. When the PWM pin receives a
voltage signal inside of the 3-state window (VTRI_Window)
and exceeds the 3-state hold-off time, the gate driver
turns off both high-side and low-side MOSFETs. To
recognize the high-impedance 3-state signal from the
controller, the PWM pin has an internal resistor divider
from VCC to PWM to AGND. The resistor divider sets
a voltage level on the PWM pin inside the 3-state
window when the PWM signal from the controller is
high-impedance.
ZCD# (Input)
When the ZCD# pin sets HIGH, the ZCD function is
disabled and high-side and low-side MOSFETs switch in
CCM (or FCCM, Forced CCM) by PWM signal. When
the ZCD# pin is LOW, the low-side MOSFET turns off
when the SPS driver detects negative inductor current
during the low-side MOSFET turn-on period. This ZCD
feature allows higher converter efficiency under light-
load condition and PFM / DCM operation.
The ZCD# pin has an internal current source from VCC,
so it may not need an external pull-up resistor. Once
VCC is supplied and the driver is enabled, the ZCD# pin
holds logic HIGH without external components and the
driver operates switching in CCM or FCCM. The ZCD#
pin can be grounded for automatic diode emulation in
DCM by the SPS itself, or it can be connected to the
controller or system to follow the command from them.
The typical pull-up resistor value on ZCD# ~ VCC is
10 k
Ω for stable ZCD# HIGH level. If not using the ZCD
feature, tie the ZCD# pin to VCC with a pull-up resistor.
Do not add any noise filter capacitor on the ZCD# pin.
TMON (Output) / P-THDN
During normal operation (no fault detected), the TMON
pin sources an analog current proportional to the
absolute temperature of the gate driver. With 25 k
Ω
RTMON and 0.1 µF CTMON on TMON pin to AGND, it
outputs 1 V at 25°C driver TJ and 1.5 V at 150°C driver
TJ. The CTMON is a filter capacitor to minimize switching
noise injection onto the TMON pin. The TMON pin can
be connected to a PWM controller or system controller
and used to monitor the SPS module temperature.
If the TMON pin voltage exceeds 1.5 V with 25 k
Ω
RTMON, the driver temperature is over 150°C and the
driver is shut down by the P-THDN feature. The 150°C
thermal shutdown temperature can be adjusted by the
RTMON value to define the THDN temperature for the
application. Refer to the P-THDN section to define
thermal shutdown temperature and RTMON value.
If not using the TMON / P-THDN features, tie the TMON
pin to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com