Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF5821 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FDMF5821
Description  Smart Power Stage (SPS) Module with Integrated Temperature Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF5821 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FDMF5821 Datasheet HTML 5Page - ON Semiconductor FDMF5821 Datasheet HTML 6Page - ON Semiconductor FDMF5821 Datasheet HTML 7Page - ON Semiconductor FDMF5821 Datasheet HTML 8Page - ON Semiconductor FDMF5821 Datasheet HTML 9Page - ON Semiconductor FDMF5821 Datasheet HTML 10Page - ON Semiconductor FDMF5821 Datasheet HTML 11Page - ON Semiconductor FDMF5821 Datasheet HTML 12Page - ON Semiconductor FDMF5821 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FDMF5821 • Rev. 1.0
8
Typical Performance Characteristics
Test Conditions: VIN=12 V, VCC=PVCC=5 V, VOUT=1.8 V, LOUT=250 nH, TA=25°C and natural convection cooling,
unless otherwise noted.
Figure 10.
Power Loss vs. Output Inductor
Figure 11.
Driver Supply Current vs. Switching
Frequency
Figure 12.
Driver Supply Current vs. Driver Supply
Voltage
Figure 13.
Driver Supply Current vs. Output Current
Figure 14.
UVLO Threshold vs. Temperature
Figure 15.
PWM Threshold vs. Driver Supply Voltage
0.97
0.98
0.99
1.00
1.01
200
250
300
350
400
450
500
Output Inductor, LOUT [nH]
VIN = 12V, PVCC & VVCC = 5V, FSW = 500kHz, VOUT = 1.8V, IOUT = 30A
0.01
0.02
0.03
0.04
0.05
0.06
0.07
200
300
400
500
600
700
800
900
1000
1100
Module Switching Frequency, FSW [kHz]
VIN = 12V, PVCC & VCC = 5V, VOUT = 1.8V, IOUT = 0A
0.02
0.022
0.024
0.026
0.028
0.03
0.032
0.034
0.036
4.0
4.5
5.0
5.5
6.0
Driver Supply Voltage, PVCC & VVCC [V]
VIN = 12V, VOUT = 1.8V, FSW = 500kHz, IOUT = 0A
0.88
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
0
5
10
15
20
25
30
35
40
45
50
55
60
Module Output Current, IOUT [A]
FSW = 300kHz
FSW = 1000kHz
VIN = 12V, PVCC & VVCC = 5V, VOUT = 1.8V
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
-55
0
25
55
100
125
Driver IC Junction Temperature, T J [oC]
UVLOUP
UVLODN
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.50
4.75
5.00
5.25
5.50
Driver Supply Voltage, VCC [V]
VIH_PWM
TA = 25°C
VTRI_HI
VTRI_LO
VIL_PWM
VHIZ_PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com