Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF5821 Datasheet(PDF) 12 Page - ON Semiconductor

Part # FDMF5821
Description  Smart Power Stage (SPS) Module with Integrated Temperature Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF5821 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FDMF5821 Datasheet HTML 8Page - ON Semiconductor FDMF5821 Datasheet HTML 9Page - ON Semiconductor FDMF5821 Datasheet HTML 10Page - ON Semiconductor FDMF5821 Datasheet HTML 11Page - ON Semiconductor FDMF5821 Datasheet HTML 12Page - ON Semiconductor FDMF5821 Datasheet HTML 13Page - ON Semiconductor FDMF5821 Datasheet HTML 14Page - ON Semiconductor FDMF5821 Datasheet HTML 15Page - ON Semiconductor FDMF5821 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FDMF5821 • Rev. 1.0
11
Functional Description
The SPS FDMF5821 is a driver-plus-MOSFET module
optimized for the synchronous buck converter topology.
A PWM input signal is required to properly drive the
high-side and the low-side MOSFETs. The part is
capable of driving speed up to 1.5 MHz.
Power-On Reset (POR)
The PWM input stage should incorporate a POR feature
to ensure both LDRV and HDRV are forced inactive
(LDRV = HDRV = 0) until UVLO > ~ 3.8 V (rising
threshold). After all gate drive blocks are fully powered
on and have finished the startup sequence, the internal
driver IC EN_PWM signal is released HIGH, enabling
the driver outputs. Once the driver POR has finished
(<20 µs maximum), the driver follows the state of the
PWM signal (it is assumed that at startup the controller
is either in a high-impedance state or forcing the PWM
signal to be within the driver 3-state window).
Three conditions below must be supported for normal
startup / power-up.
V
CC rises to 5 V, then EN goes HIGH;
EN pin is tied to the VCC pin;
EN is commanded HIGH prior to 5 V V
CC reaching
the UVLO rising threshold.
The POR method is to increase the VCC over than UVLO
> rising threshold and EN = HIGH.
Under-Voltage Lockout (UVLO)
UVLO is performed on VCC only, not on PVCC or VIN.
When the EN is set HIGH and VCC is rising over the
UVLO threshold level (3.8 V), the part starts switching
operation after a maximum 20 µs POR delay. The delay
is implemented to ensure the internal circuitry is biased,
stable, and ready to operate. Two VCC pins are
provided: PVCC and VCC. The gate driver circuitry is
powered from the PVCC rail. The user connects PVCC
to VCC through a low-pass R-C filter. This provides a
filtered 5 V bias to the analog circuitry on the IC.
Driver
State
3.8
3.4
VCC [V]
Disable
Enable
* EN pin keeps HIGH
Figure 26.
UVLO on VCC
EN / FAULT# (Enable / Fault Flag)
The driver can be disabled by pulling the EN / FAULT#
pin LOW (EN < VIL_EN), which holds both GL and GH
LOW regardless of the PWM input state. The driver can
be enabled by raising the EN / FAULT# pin voltage
HIGH (EN > VIH_EN). The driver IC has less than 3 µA
shutdown current when it is disabled. Once the driver is
re-enabled, it takes a maximum of 20 µs startup time.
EN / FAULT# pin is an open-drain output for fault flag
with an internal 250 k
Ω pull-down resistor. Logic HIGH
signal from PWM controller or a ~ 10 k
Ω external pull-up
resistor from EN / FAULT# pin to VCC is required to
start driver operation.
Table 1.
UVLO and Enable Logic
UVLO
EN
Driver State
0
X
Disabled (GH & GL = 0)
1
0
Disabled (GH & GL = 0)
1
1
Enabled (see Table 2)
1
Open
Disabled (GH & GL = 0)
The EN / FAULT# pin has two functions: enabling /
disabling driver and fault flag. The fault flag signal is
active LOW. When the driver detects a fault condition
during operation, it turns on the open-drain on the EN /
FAULT# pin and the pin voltage is pulled LOW. The
fault conditions are:
High-side MOSFET false turn-on or VIN ~ SW short
during low-side MOSFET turn on;
P-THDN by exceeding 1.5 V on TMON pin.
When the driver detects a fault condition and disables
itself, a POR event on VCC is required to restart the
driver operation.
3-State PWM Input
The FDMF5821 incorporates a 3-state 5 V PWM input
gate drive design. The 3-state gate drive has both logic
HIGH and LOW levels, along with a 3-state shutdown
window. When the PWM input signal enters and
remains within the 3-state window for a defined hold-off
time (tD_HOLD-OFF), both GL and GH are pulled LOW. This
feature enables the gate drive to shut down both the
high-side and the low-side MOSFETs to support
features such as phase shedding, a common feature on
multi-phase voltage regulators.
Table 2.
EN / PWM / 3-State / ZCD# Logic States
EN
PWM
ZCD#
GH
GL
0
X
X
0
0
1
3-State
X
0
0
1
0
0
0
1 (IL > 0), 0 (IL < 0)
1
1
0
1
0
1
0
1
0
1
1
1
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com