Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF5821 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMF5821
Description  Smart Power Stage (SPS) Module with Integrated Temperature Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF5821 Datasheet(HTML) 2 Page - ON Semiconductor

  FDMF5821 Datasheet HTML 1Page - ON Semiconductor FDMF5821 Datasheet HTML 2Page - ON Semiconductor FDMF5821 Datasheet HTML 3Page - ON Semiconductor FDMF5821 Datasheet HTML 4Page - ON Semiconductor FDMF5821 Datasheet HTML 5Page - ON Semiconductor FDMF5821 Datasheet HTML 6Page - ON Semiconductor FDMF5821 Datasheet HTML 7Page - ON Semiconductor FDMF5821 Datasheet HTML 8Page - ON Semiconductor FDMF5821 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
October 2016
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FDMF5821 • Rev. 1.0
FDMF5821
– Smart Power Stage (SPS) Module
with Integrated Temperature Monitor
Features
Ultra-Compact 5 mm x 5 mm PQFN Copper-Clip
Package with Flip Chip Low-Side MOSFET
High Current Handling: 60 A
3-State 5 V PWM Input Gate Driver
Dynamic Resistance Mode for Low-Side Drive
(LDRV) Slows Low-Side MOSFET during Negative
Inductor Current Switching
Auto DCM (Low-Side Gate Turn Off) Using
ZCD# Input
Thermal Monitor for Module Temperature Reporting
Programmable Thermal Shutdown (P_THDN)
HS-Short Detect Fault# / Shutdown
Dual Mode Enable / Fault# Pin
Internal Pull-Up and Pull-Down for ZCD# and
EN Inputs, respectively
ON’s PowerTrench® MOSFETs for Clean Voltage
Waveforms and Reduced Ringing
ON’s SyncFET™ Technology (Integrated Schottky
Diode) in Low-Side MOSFET
Integrated Bootstrap Schottky Diode
Optimized / Extremely Short Dead-Times
Under-Voltage Lockout (UVLO) on VCC
Optimized for Switching Frequencies up to 1.5 MHz
PWM Minimum Controllable On-Time: 30 ns
Low Shutdown Current: < 3 µA
Optimized FET Pair for Highest Efficiency:
10 ~ 15% Duty Cycle
Operating Junction Temperature Range:
-40°C to +125°C
ON’s Green Packaging and RoHS Compliance
Description
The SPS family is ON
’s next-generation, fully optimized,
ultra-compact, integrated MOSFET plus driver power
stage
solution
for
high-current,
high-frequency,
synchronous buck, DC-DC applications. The FDMF5821
integrates a driver IC with a bootstrap Schottky diode,
two power MOSFETs, and a thermal monitor into a
thermally enhanced, ultra-compact, 5 mm x 5 mm
package.
With an integrated approach, the SPS switching power
stage is optimized for driver and MOSFET dynamic
performance, minimized system inductance, and power
MOSFET RDS(ON). The SPS family uses Fairchild's high-
performance
PowerTrench
®
MOSFET
technology,
which reduces switch ringing, eliminating the need for a
snubber circuit in most buck converter applications.
A driver IC with reduced dead times and propagation
delays further enhances the performance. A thermal
monitor function warns of a potential over-temperature
situation. A programmable thermal shutdown function
turns off the driver if an over-temperature condition
occurs. The FDMF5821 incorporates an Auto-DCM
Mode (ZCD#) for improved light-load efficiency. The
FDMF5821 also provides a 3-state 5 V PWM input for
compatibility with a wide range of PWM controllers.
Applications
Servers and Workstations, V-Core and Non-V-Core
DC-DC Converters
Desktop and All-in-One Computers, V-Core and
Non-V-Core DC-DC Converters
High-Performance Gaming Motherboards
High-Current DC-DC Point-of-Load Converters
Networking and Telecom Microprocessor Voltage
Regulators
Small Form-Factor Voltage Regulator Modules
Ordering Information
Part Number
Current Rating
Package
Top Mark
FDMF5821
60 A
31-Lead, Clip Bond PQFN SPS, 5.0 mm x 5.0 mm Package
5821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com