Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF5821 Datasheet(PDF) 24 Page - ON Semiconductor

Part # FDMF5821
Description  Smart Power Stage (SPS) Module with Integrated Temperature Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF5821 Datasheet(HTML) 24 Page - ON Semiconductor

Back Button FDMF5821 Datasheet HTML 18Page - ON Semiconductor FDMF5821 Datasheet HTML 19Page - ON Semiconductor FDMF5821 Datasheet HTML 20Page - ON Semiconductor FDMF5821 Datasheet HTML 21Page - ON Semiconductor FDMF5821 Datasheet HTML 22Page - ON Semiconductor FDMF5821 Datasheet HTML 23Page - ON Semiconductor FDMF5821 Datasheet HTML 24Page - ON Semiconductor FDMF5821 Datasheet HTML 25Page - ON Semiconductor FDMF5821 Datasheet HTML 26Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
NOTES: UNLESS OTHERWISE SPECIFIED
A) DOES NOT FULLY CONFORM TO JEDEC
REGISTRATION MO-220, DATED
MAY/2005.
B) ALL DIMENSIONS ARE IN MILLIMETERS.
C) DIMENSIONS DO NOT INCLUDE BURRS
OR MOLD FLASH. MOLD FLASH OR
BURRS DOES NOT EXCEED 0.10MM.
D) DIMENSIONING AND TOLERANCING PER
ASME Y14.5M-1994.
E) DRAWING FILE NAME: MKT-PQFN31BREV3
SEE
DETAIL 'A'
SCALE: 2:1
SEATING
PLANE
C
0.30
0.20
0.05
0.00
0.80
0.70
0.10 C
0.08 C
5.00±0.10
5.00±0.10
0.10 C
2X
B
A
0.10 C
2X
PIN#1
INDICATOR
C.L.
C.L.
(2X)
(31X)
3.80±0.10
0.85
0.40
0.35
0.15
(0.85)
0.50
0.30
0.40
1.03
1.92±0.10
0.45
1.03±0.10
0.40
1.98±0.10
0.50
(0.38)
0.50
1.32±0.10
0.30
0.20
0.55
0.30
(0.22)
1.03±0.10
0.50
0.30
0.10
C A B
0.05
C
PIN #1 INDICATOR
C.L.
C.L.
0.55
0.30
8
1
9
15
23
16
31
24
14
13
12
11
10
7
6
5
4
3
2
30
29
28
27
26
25
17 18 19
20
21 22
32
33
8
9
15
24
16
23
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com