Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST68C554 Datasheet(PDF) 10 Page - Exar Corporation

Part # ST68C554
Description  QUAD UART WITH 16-BYTE FIFOS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST68C554 Datasheet(HTML) 10 Page - Exar Corporation

Back Button ST68C554 Datasheet HTML 6Page - Exar Corporation ST68C554 Datasheet HTML 7Page - Exar Corporation ST68C554 Datasheet HTML 8Page - Exar Corporation ST68C554 Datasheet HTML 9Page - Exar Corporation ST68C554 Datasheet HTML 10Page - Exar Corporation ST68C554 Datasheet HTML 11Page - Exar Corporation ST68C554 Datasheet HTML 12Page - Exar Corporation ST68C554 Datasheet HTML 13Page - Exar Corporation ST68C554 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
ST16C554/554D/68C554
10
Rev. 3.10
Symbol
Pin
Signal
Pin Description
68
64
type
SYMBOL DESCRIPTION
-RI A-B
8,28
63,19
-RI C-D
42,62
30,50
I
Ring Indicator (active low) - These inputs are associated
with individual UART channels, A through D. A logic 0 on
this pin indicates the modem has received a ringing signal
from the telephone line. A logic 1 transition on this input pin
will generate an interrupt.
-RTS A-B
14,22
5,13
-RTS C-D
48,56
36,44
O
Request to Send (active low) - These outputs are associated
with individual UART channels, A through D. A logic 0 on the
-RTS pin indicates the transmitter has data ready and
waiting to send. Writing a logic 1 in the modem control
register (MCR bit-1) will set this pin to a logic 0 indicating
data is available. After a reset this pin will be set to a logic
1. This pin has no effect on the UART’s transmit or receive
operation.
RX A-B
7,29
62,20
RX C-D
41,63
29,51
I
Receive Data Input RX A-D. - These inputs are associated
with individual serial channel data to the ST16C554D. The
RX signal will be a logic 1 during reset, idle (no data), or
when the transmitter is disabled. During the local loopback
mode, the RX input pin is disabled and TX data is internally
connected to the UART RX Input, internally.
TX A-B
17,19
8,10
TX C-D
51,53
39,41
O
Transmit Data - These outputs are associated with indi-
vidual serial transmit channel data from the 554D. The TX
signal will be a logic 1 during reset, idle (no data), or when
the transmitter is disabled. During the local loopback mode,
the TX input pin is disabled and TX data is internally
connected to the UART RX Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com