Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST68C554 Datasheet(PDF) 37 Page - Exar Corporation

Part # ST68C554
Description  QUAD UART WITH 16-BYTE FIFOS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST68C554 Datasheet(HTML) 37 Page - Exar Corporation

Back Button ST68C554 Datasheet HTML 32Page - Exar Corporation ST68C554 Datasheet HTML 33Page - Exar Corporation ST68C554 Datasheet HTML 34Page - Exar Corporation ST68C554 Datasheet HTML 35Page - Exar Corporation ST68C554 Datasheet HTML 36Page - Exar Corporation ST68C554 Datasheet HTML 37Page - Exar Corporation ST68C554 Datasheet HTML 38Page - Exar Corporation ST68C554 Datasheet HTML 39Page - Exar Corporation ST68C554 Datasheet HTML 40Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Package Dimensions
A
0.102
0.130
2.60
3.30
0.102
0.134
2.60
3.40
A1
0.002
0.010
0.05
0.25
0.002
0.014
0.05
0.35
A2
0.100
0.120
2.55
3.05
0.100
0.120
2.55
3.05
B
0.009
0.015
0.22
0.38
0.009
0.015
0.22
0.38
C
0.005
0.009
0.13
0.23
0.005
0.009
0.13
0.23
D
0.904
0.923
22.95
23.45
0.931
0.951
23.65
24.15
D1
0.783
0.791
19.90
20.10
0.783
0.791
19.90
20.10
E
0.667
0.687
16.95
17.45
0.695
0.715
17.65
18.15
E1
0.547
0.555
13.90
14.10
0.547
0.555
13.90
14.10
e
0.0256 BSC
0.65 BSC
0.0256 BSC
0.65 BSC
L
0.029
0.040
0.73
1.03
0.026
0.037
0.65
0.95
α
0
°
7
°
0
°
7
°
0
°
7
°
0
°
7
°
100 LEAD PLASTIC QUAD FLAT PACK
(14 mm x 20 mm, QFP)
Rev. 2.00
SYMBOL
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
80
51
50
31
1
30
81
100
D
D1
E
E1
B
e
A2
α
A1
A
Seating Plane
Note: The control dimension is the millimeter column
L
C
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
1.6 mm Form
1.95 mm Form



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com