Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST68C554 Datasheet(PDF) 17 Page - Exar Corporation

Part # ST68C554
Description  QUAD UART WITH 16-BYTE FIFOS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST68C554 Datasheet(HTML) 17 Page - Exar Corporation

Back Button ST68C554 Datasheet HTML 13Page - Exar Corporation ST68C554 Datasheet HTML 14Page - Exar Corporation ST68C554 Datasheet HTML 15Page - Exar Corporation ST68C554 Datasheet HTML 16Page - Exar Corporation ST68C554 Datasheet HTML 17Page - Exar Corporation ST68C554 Datasheet HTML 18Page - Exar Corporation ST68C554 Datasheet HTML 19Page - Exar Corporation ST68C554 Datasheet HTML 20Page - Exar Corporation ST68C554 Datasheet HTML 21Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
ST16C554/554D/68C554
17
Rev. 3.10
REGISTER FUNCTIONAL DESCRIPTIONS
The following table delineates the assigned bit functions for the fifteen 554D internal registers. The assigned
bit functions are more fully defined in the following paragraphs.
Table 6, ST16C554D INTERNAL REGISTERS
A2 A1 A0
Register
BIT-7
BIT-6
BIT-5
BIT-4
BIT-3
BIT-2
BIT-1
BIT-0
[Note *5]
General Register Set
0 0 0
RHR[XX]
bit-7
bit-6
bit-5
bit-4
bit-3
bit-2
bit-1
bit-0
0 0 0
THR[XX]
bit-7
bit-6
bit-5
bit-4
bit-3
bit-2
bit-1
bit-0
0 0 1
IER[00]
0000
modem
receive
transmit
receive
status
line
holding
holding
interrupt
status
register
register
interrupt
0 1 0
FCR
RCVR
RCVR
0
0
DMA
XMIT
RCVR
FIFO
trigger
trigger
mode
FIFO
FIFO
enable
(MSB)
(LSB)
select
reset
reset
0 1 0
ISR[01]
FIFO’s
FIFO’s
0
0
INT
INT
INT
INT
enabled
enabled
priority
priority
priority
status
bit-2
bit-1
bit-0
0 1 1
LCR[00]
divisor
set
set
even
parity
stop
word
word
latch
break
parity
parity
enable
bits
length
length
enable
bit-1
bit-0
1 0 0
MCR[00]
0
0
0
loop
-OP2/
-OP1
-RTS
-DTR
back
INTx
enable
1 0 1
LSR[60]
FIFO
trans.
trans.
break
framing
parity
overrun
receive
data
empty
holding
interrupt
error
error
error
data
error
empty
ready
1 1 0
MSR[X0]
CD
RI
DSR
CTS
delta
delta
delta
delta
-CD
-RI
-DSR
-CTS
1 1 1
SPR[FF]
bit-7
bit-6
bit-5
bit-4
bit-3
bit-2
bit-1
bit-0
Special Register set: Note *2
0 0 0
DLL[XX]
bit-7
bit-6
bit-5
bit-4
bit-3
bit-2
bit-1
bit-0
0 0 1
DLM[XX]
bit-15
bit-14
bit-13
bit-12
bit-11
bit-10
bit-9
bit-8
Note *2: The Special register set is accessible only when LCR bit-7 is set to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com