Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST68C554 Datasheet(PDF) 20 Page - Exar Corporation

Part # ST68C554
Description  QUAD UART WITH 16-BYTE FIFOS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST68C554 Datasheet(HTML) 20 Page - Exar Corporation

Back Button ST68C554 Datasheet HTML 16Page - Exar Corporation ST68C554 Datasheet HTML 17Page - Exar Corporation ST68C554 Datasheet HTML 18Page - Exar Corporation ST68C554 Datasheet HTML 19Page - Exar Corporation ST68C554 Datasheet HTML 20Page - Exar Corporation ST68C554 Datasheet HTML 21Page - Exar Corporation ST68C554 Datasheet HTML 22Page - Exar Corporation ST68C554 Datasheet HTML 23Page - Exar Corporation ST68C554 Datasheet HTML 24Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
ST16C554/554D/68C554
20
Rev. 3.10
Transmit operation in mode “1”:
When the 554D is in FIFO mode ( FCR bit-0 = logic 1,
FCR bit-3 = logic 1 ), the -TXRDY pin will be a logic 1
when the transmit FIFO is completely full. It will be a
logic 0 if one or more FIFO locations are empty.
Receive operation in mode “1”:
When the 554D is in FIFO mode (FCR bit-0 = logic 1,
FCR bit-3 = logic 1) and the trigger level has been
reached, or a Receive Time Out has occurred, the -
RXRDY pin will go to a logic 0. Once activated, it will
go to a logic 1 after there are no more characters in the
FIFO.
FCR BIT 4-5:
Not used - Initialized to a logic 0.
FCR BIT 6-7: (logic 0 or cleared is the default condi-
tion, Rx trigger level = 1)
These bits are used to set the trigger level for the
receive FIFO interrupt.
An interrupt is generated when the number of charac-
ters in the FIFO equals the programmed trigger level.
However the FIFO will continue to be loaded until it is
full.
BIT-7
BIT-6
RX FIFO trigger level
00
1
01
4
10
8
11
14
Interrupt Status Register (ISR)
The 554D provides four levels of prioritized interrupts
to minimize external software interaction. The Inter-
rupt Status Register (ISR) provides the user with six
interrupt status bits. Performing a read cycle on the
ISR will provide the user with the highest pending
interrupt level to be serviced. No other interrupts are
acknowledged until the pending interrupt is serviced.
Whenever the interrupt status register is read, the
interrupt status is cleared. However it should be noted
that only the current pending interrupt is cleared by the
read. A lower level interrupt may be seen after reread-
ing the interrupt status bits. The Interrupt Source
Table 7 (below) shows the data values (bit 0-5) for the
four prioritized interrupt levels and the interrupt
sources associated with each of these interrupt levels:
Table 7, INTERRUPT SOURCE TABLE
Priority
[ ISR BITS ]
Level
Bit-5 Bit-4 Bit-3 Bit-2 Bit-1 Bit-0
Source of the interrupt
1
000110
LSR (Receiver Line Status Register)
2
000100
RXRDY (Received Data Ready)
2
001100
RXRDY (Receive Data time out)
3
000010
TXRDY ( Transmitter Holding Register Empty)
4
000000
MSR (Modem Status Register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com