Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST68C554 Datasheet(PDF) 22 Page - Exar Corporation

Part # ST68C554
Description  QUAD UART WITH 16-BYTE FIFOS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST68C554 Datasheet(HTML) 22 Page - Exar Corporation

Back Button ST68C554 Datasheet HTML 18Page - Exar Corporation ST68C554 Datasheet HTML 19Page - Exar Corporation ST68C554 Datasheet HTML 20Page - Exar Corporation ST68C554 Datasheet HTML 21Page - Exar Corporation ST68C554 Datasheet HTML 22Page - Exar Corporation ST68C554 Datasheet HTML 23Page - Exar Corporation ST68C554 Datasheet HTML 24Page - Exar Corporation ST68C554 Datasheet HTML 25Page - Exar Corporation ST68C554 Datasheet HTML 26Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
ST16C554/554D/68C554
22
Rev. 3.10
LCR
LCR
LCR
Parity selection
Bit-5
Bit-4
Bit-3
X
X
0
No parity
0
0
1
Odd parity
0
1
1
Even parity
1
0
1
Force parity “1”
1
1
1
Forced parity “0”
LCR BIT-6:
When enabled the Break control bit causes a break
condition to be transmitted (the TX output is forced to
a logic 0 state). This condition exists until disabled by
setting LCR bit-6 to a logic 0.
Logic 0 = No TX break condition. (normal default
condition)
Logic 1 = Forces the transmitter output (TX) to a logic
0 for alerting the remote receiver to a line break
condition.
LCR BIT-7:
Not used - Initialized to a logic 0.
Modem Control Register (MCR)
This register controls the interface with the modem or
a peripheral device.
MCR BIT-0:
Logic 0 = Force -DTR output to a logic 1. (normal
default condition)
Logic 1 = Force -DTR output to a logic 0.
MCR BIT-1:
Logic 0 = Force -RTS output to a logic 1. (normal
default condition)
Logic 1 = Force -RTS output to a logic 0.
MCR BIT-2:
This bit is used in the Loopback mode only. In the
loopback mode this bit is use to write the state of the
modem -RI interface signal via -OP1.
MCR BIT-3: (Used to control the modem -CD signal
in the loopback mode.)
Logic 0 = Forces INT (A-D) outputs to the three state
mode during the 16 mode. (normal default condition)
In the Loopback mode, sets -OP2 (-CD) internally to a
logic 1.
Logic 1 = Forces the INT (A-D) outputs to the active
mode during the 16 mode. In the Loopback mode, sets
-OP2 (-CD) internally to a logic 0.
MCR BIT-4:
Logic 0 = Disable loopback mode. (normal default
condition)
Logic 1 = Enable local loopback mode (diagnostics).
MCR BIT 5-7:
Not used - Initialized to a logic 0.
Line Status Register (LSR)
This register provides the status of data transfers
between. the 554D and the CPU.
LSR BIT-0:
Logic 0 = No data in receive holding register or FIFO.
(normal default condition)
Logic 1 = Data has been received and is saved in the
receive holding register or FIFO.
LSR BIT-1:
Logic 0 = No overrun error. (normal default condition)
Logic 1 = Overrun error. A data overrun error occurred
in the receive shift register. This happens when addi-
tional data arrives while the FIFO is full. In this case
the previous data in the shift register is overwritten.
Note that under this condition the data byte in the
receive shift register is not transfered into the FIFO,
therefore the data in the FIFO is not corrupted by the
error.
LSR BIT-2:
Logic 0 = No parity error. (normal default condition)
Logic 1 = Parity error. The receive character does not
have correct parity information and is suspect. In the
FIFO mode, this error is associated with the character
at the top of the FIFO.
LSR BIT-3:
Logic 0 = No framing error. (normal default condition)
Logic 1 = Framing error. The receive character did not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com