Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST68C554 Datasheet(PDF) 14 Page - Exar Corporation

Part # ST68C554
Description  QUAD UART WITH 16-BYTE FIFOS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST68C554 Datasheet(HTML) 14 Page - Exar Corporation

Back Button ST68C554 Datasheet HTML 10Page - Exar Corporation ST68C554 Datasheet HTML 11Page - Exar Corporation ST68C554 Datasheet HTML 12Page - Exar Corporation ST68C554 Datasheet HTML 13Page - Exar Corporation ST68C554 Datasheet HTML 14Page - Exar Corporation ST68C554 Datasheet HTML 15Page - Exar Corporation ST68C554 Datasheet HTML 16Page - Exar Corporation ST68C554 Datasheet HTML 17Page - Exar Corporation ST68C554 Datasheet HTML 18Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
ST16C554/554D/68C554
14
Rev. 3.10
The generator divides the input 16X clock by any
divisor from 1 to 216 -1. The 554D divides the basic
crystal or external clock by 16. Further division of this
16X clock provides two table rates to support low and
high data rate applications using the same system
design. Customized Baud Rates can be achieved by
selecting the proper divisor values for the MSB and
LSB sections of baud rate generator.
Programming the Baud Rate Generator Registers
DLM (MSB) and DLL (LSB) provides a user capability
for selecting the desired final baud rate. The example
in Table 5 below, shows the two selectable baud rate
tables available when using a 7.3728 MHz crystal.
C1
22pF
C2
33pF
X1
1.8432 MHz
Figure 8, Crystal oscillator connection
Table 5, BAUD RATE GENERATOR PROGRAMMING TABLE:
Output
Output
User
User
DLM
DLL
Baud Rate
Baud Rate
16 x Clock
16 x Clock
Program
Program
(1.8432 MHz (7.3728 MHz
Divisor
Divisor
Value
Value
Clock)
Clock)
(Decimal)
(HEX)
(HEX)
(HEX)
50
200
2304
900
09
00
300
1200
384
180
01
80
600
2400
192
C0
00
C0
1200
4800
96
60
00
60
2400
9600
48
30
00
30
4800
19.2K
24
18
00
18
9600
38.4k
12
0C
00
0C
19.2k
76.8k
6
06
00
06
38.4k
153.6k
3
03
00
03
57.6k
230.4k
2
02
00
02
115.2k
460.8k
1
01
00
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com