Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST68C554 Datasheet(PDF) 15 Page - Exar Corporation

Part # ST68C554
Description  QUAD UART WITH 16-BYTE FIFOS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST68C554 Datasheet(HTML) 15 Page - Exar Corporation

Back Button ST68C554 Datasheet HTML 11Page - Exar Corporation ST68C554 Datasheet HTML 12Page - Exar Corporation ST68C554 Datasheet HTML 13Page - Exar Corporation ST68C554 Datasheet HTML 14Page - Exar Corporation ST68C554 Datasheet HTML 15Page - Exar Corporation ST68C554 Datasheet HTML 16Page - Exar Corporation ST68C554 Datasheet HTML 17Page - Exar Corporation ST68C554 Datasheet HTML 18Page - Exar Corporation ST68C554 Datasheet HTML 19Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
ST16C554/554D/68C554
15
Rev. 3.10
DMA Operation
The 554D FIFO trigger level provides additional
flexibility to the user for block mode operation. LSR
bits 5-6 provide an indication when the transmitter is
empty or has an empty location(s). The user can
optionally operate the transmit and receive FIFOs in
the DMA mode (FCR bit-3). When the transmit and
receive FIFOs are enabled and the DMA mode is
deactivated (DMA Mode “0”), the 554D activates the
interrupt output pin for each data transmit or receive
operation. When DMA mode is activated (DMA Mode
“1”), the user takes the advantage of block mode
operation by loading or unloading the FIFO in a block
sequence determined by the preset trigger level. In
this mode, the 554D sets the interrupt output pin when
characters in the transmit FIFOs are below the trans-
mit trigger level, or the characters in the receive FIFOs
are above the receive trigger level.
Loopback Mode
The internal loopback capability allows onboard diag-
nostics. In the loopback mode the normal modem
interface pins are disconnected and reconfigured for
loopback internally. MCR register bits 0-3 are used for
controlling loopback diagnostic testing. In the
loopback mode OP1 and OP2 in the MCR register
(bits 3/2) control the modem -RI and -CD inputs
respectively. MCR signals -DTR and -RTS (bits 0-1)
are used to control the modem -CTS and -DSR inputs
respectively. The transmitter output (TX) and the
receiver input (RX) are disconnected from their asso-
ciated interface pins, and instead are connected to-
gether internally (See Figure 12). The -CTS, -DSR, -
CD, and -RI are disconnected from their normal
modem control inputs pins, and instead are connected
internally to -DTR, -RTS, -OP1 and -OP2. Loopback
test data is entered into the transmit holding register
via the user data bus interface, D0-D7. The transmit
UART serializes the data and passes the serial data to
the receive UART via the internal loopback connec-
tion. The receive UART converts the serial data back
into parallel data that is then made available at the
user data interface, D0-D7. The user optionally com-
pares the received data to the initial transmitted data
for verifying error free operation of the UART TX/RX
circuits.
In this mode, the receiver and transmitter interrupts
are fully operational. The Modem Control Interrupts
are also operational. However, the interrupts can only
be read using lower four bits of the Modem Control
Register (MCR bits 0-3) instead of the four Modem
Status Register bits 4-7. The interrupts are still con-
trolled by the IER.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com