Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST68C554 Datasheet(PDF) 1 Page - Exar Corporation

Part # ST68C554
Description  QUAD UART WITH 16-BYTE FIFOS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST68C554 Datasheet(HTML) 1 Page - Exar Corporation

  ST68C554 Datasheet HTML 1Page - Exar Corporation ST68C554 Datasheet HTML 2Page - Exar Corporation ST68C554 Datasheet HTML 3Page - Exar Corporation ST68C554 Datasheet HTML 4Page - Exar Corporation ST68C554 Datasheet HTML 5Page - Exar Corporation ST68C554 Datasheet HTML 6Page - Exar Corporation ST68C554 Datasheet HTML 7Page - Exar Corporation ST68C554 Datasheet HTML 8Page - Exar Corporation ST68C554 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538 • (510) 668-7000 • FAX (510) 668-7017
ST16C554/554D
ST68C554
Rev. 3.10
PLCC Package
QUAD UART WITH 16-BYTE FIFO’S
DESCRIPTION
The ST16C554D is a universal asynchronous receiver
and transmitter (UART) with a dual foot print interface.
The 554D is an enhanced UART with 16 byte FIFOs,
receive trigger levels and data rates up to 1.5Mbps.
Onboard status registers provide the user with error
indications and operational status, modem interface
control. System interrupts may be tailored to meet
user requirements. An internal loopback capability
allows onboard diagnostics. The 554D is available in
64 pin TQFP, and 68 pin PLCC packages. The 68 pin
PLCC package offer an additional 68 mode which
allows easy integration with Motorola, and other popu-
lar microprocessors. The ST16C554CQ64 (64 pin)
offers three state interrupt control while the
ST16C554DCQ64 provides constant active interrupt
outputs. The 64 pin devices do not offer TXRDY/
RXRDY outputs. The 554D combines the package
interface modes of the 16C554 and 68C554 series on
a single integrated chip.
FEATURES
• Compatibility with the Industry Standard
ST16C454, ST68C454, ST68C554, TL16C554
• 1.5 Mbps transmit/receive operation (24MHz)
• 16 byte transmit FIFO
• 16 byte receive FIFO with error flags
• Independent transmit and receive control
• Software selectable Baud Rate Generator
• Four selectable Receive FIFO interrupt trigger
levels
• Standard modem interface
ORDERING INFORMATION
Part number
Pins Package Operatingtemperature
ST16C554DCJ68
68
PLCC
0° C to + 70° C
ST16C554DCQ64 64
TQFP
0° C to + 70° C
ST16C554CQ64
64
TQFP
0° C to + 70° C
ST16C554DIJ68
68
PLCC
-40° C to + 85° C
ST16C554DIQ64
64
TQFP
-40° C to + 85° C
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
-DSRA
-CTSA
-DTRA
VCC
-RTSA
INTA
-CSA
TXA
-IOW
TXB
-CSB
INTB
-RTSB
GND
-DTRB
-CTSB
-DSRB
-DSRD
-CTSD
-DTRD
GND
-RTSD
INTD
-CSD
TXD
-IOR
TXC
-CSC
INTC
-RTSC
VCC
-DTRC
-CTSC
-DSRC
ST16C554DCJ68
16 MODE


Similar Part No. - ST68C554

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST68C554CJ68 EXAR-ST68C554CJ68 Datasheet
757Kb / 39P
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST68C554CJ68 EXAR-ST68C554CJ68 Datasheet
761Kb / 39P
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST68C554IJ68 EXAR-ST68C554IJ68 Datasheet
757Kb / 39P
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST68C554IJ68 EXAR-ST68C554IJ68 Datasheet
761Kb / 39P
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
More results

Similar Description - ST68C554

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
logo
NXP Semiconductors
SC16C2552 PHILIPS-SC16C2552 Datasheet
579Kb / 38P
Dual UART with 16-byte transmit and receive FIFOs
Rev. 03-20 June 2003
logo
List of Unclassifed Man...
OX16C954 ETC-OX16C954 Datasheet
529Kb / 54P
High Performance Quad UART with 128-byte FIFOs Intel / Motorola Bus Interface
logo
NXP Semiconductors
SC16C550B PHILIPS-SC16C550B Datasheet
229Kb / 47P
5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004
logo
Texas Instruments
TL16C2550 TI-TL16C2550 Datasheet
417Kb / 34P
2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
logo
Oxford Semiconductor
OX16C950 OXFORD-OX16C950 Datasheet
436Kb / 49P
High Performance UART with 128 byte FIFOs
logo
Texas Instruments
TL16C2550 TI-TL16C2550_10 Datasheet
1Mb / 47P
1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2552 TI1-TL16C2552_16 Datasheet
408Kb / 34P
1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com