Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST68C554 Datasheet(PDF) 23 Page - Exar Corporation

Part # ST68C554
Description  QUAD UART WITH 16-BYTE FIFOS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST68C554 Datasheet(HTML) 23 Page - Exar Corporation

Back Button ST68C554 Datasheet HTML 19Page - Exar Corporation ST68C554 Datasheet HTML 20Page - Exar Corporation ST68C554 Datasheet HTML 21Page - Exar Corporation ST68C554 Datasheet HTML 22Page - Exar Corporation ST68C554 Datasheet HTML 23Page - Exar Corporation ST68C554 Datasheet HTML 24Page - Exar Corporation ST68C554 Datasheet HTML 25Page - Exar Corporation ST68C554 Datasheet HTML 26Page - Exar Corporation ST68C554 Datasheet HTML 27Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
ST16C554/554D/68C554
23
Rev. 3.10
have a valid stop bit(s). In the FIFO mode this error is
associated with the character at the top of the FIFO.
LSR BIT-4:
Logic 0 = No break condition. (normal default condi-
tion)
Logic 1 = The receiver received a break signal (RX
was a logic 0 for one character frame time). In the
FIFO mode, only one break character is loaded into
the FIFO.
LSR BIT-5:
This bit is the Transmit Holding Register Empty indi-
cator. This bit indicates that the UART is ready to
accept a new character for transmission. In addition,
this bit causes the UART to issue an interrupt to CPU
when the THR interrupt enable is set. The THR bit is
set to a logic 1 when a character is transferred from the
transmit holding register into the transmitter shift
register. The bit is reset to logic 0 concurrently with the
loading of the transmitter holding register by the CPU.
In the FIFO mode this bit is set when the transmit FIFO
is empty; it is cleared when at least 1 byte is written to
the transmit FIFO.
LSR BIT-6:
This bit is the Transmit Empty indicator. This bit is set
to a logic 1 whenever the transmit holding register and
the transmit shift register are both empty. It is reset to
logic 0 whenever either the THR or TSR contains a
data character. In the FIFO mode this bit is set to one
whenever the transmit FIFO and transmit shift register
are both empty.
LSR BIT-7:
Logic 0 = No Error. (normal default condition)
Logic 1 = At least one parity error, framing error or
break indication is in the current FIFO data. This bit is
cleared when LSR register is read.
Modem Status Register (MSR)
This register provides the current state of the control
interface signals from the modem, or other peripheral
device that the 554D is connected to. Four bits of this
register are used to indicate the changed information.
These bits are set to a logic 1 whenever a control input
from the modem changes state. These bits are set to
a logic 0 whenever the CPU reads this register.
MSR BIT-0:
Logic 0 = No -CTS Change (normal default condition)
Logic 1 = The -CTS input to the 554D has changed
state since the last time it was read. A modem Status
Interrupt will be generated.
MSR BIT-1:
Logic 0 = No -DSR Change. (normal default condition)
Logic 1 = The -DSR input to the 554D has changed
state since the last time it was read. A modem Status
Interrupt will be generated.
MSR BIT-2:
Logic 0 = No -RI Change. (normal default condition)
Logic 1 = The -RI input to the 554D has changed from
a logic 0 to a logic 1. A modem Status Interrupt will be
generated.
MSR BIT-3:
Logic 0 = No -CD Change. (normal default condition)
Logic 1 = Indicates that the -CD input to the has
changed state since the last time it was read. A
modem Status Interrupt will be generated.
MSR BIT-4:
-CTS (active high, logical 1). Normally MSR bit-4 bit
is the compliment of the -CTS input. However in the
loopback mode, this bit is equivalent to the RTS bit in
the MCR register.
MSR BIT-5:
DSR (active high, logical 1). Normally this bit is the
compliment of the -DSR input. In the loopback mode,
this bit is equivalent to the DTR bit in the MCR register.
MSR BIT-6:
RI (active high, logical 1). Normally this bit is the
compliment of the -RI input. In the loopback mode this
bit is equivalent to the OP1 bit in the MCR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com