Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST68C554 Datasheet(PDF) 25 Page - Exar Corporation

Part # ST68C554
Description  QUAD UART WITH 16-BYTE FIFOS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST68C554 Datasheet(HTML) 25 Page - Exar Corporation

Back Button ST68C554 Datasheet HTML 21Page - Exar Corporation ST68C554 Datasheet HTML 22Page - Exar Corporation ST68C554 Datasheet HTML 23Page - Exar Corporation ST68C554 Datasheet HTML 24Page - Exar Corporation ST68C554 Datasheet HTML 25Page - Exar Corporation ST68C554 Datasheet HTML 26Page - Exar Corporation ST68C554 Datasheet HTML 27Page - Exar Corporation ST68C554 Datasheet HTML 28Page - Exar Corporation ST68C554 Datasheet HTML 29Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
ST16C554/554D/68C554
25
Rev. 3.10
Symbol
Parameter
Limits
Limits
Units
Conditions
3.3
5.0
Min
Max
Min
Max
AC ELECTRICAL CHARACTERISTICS
T
A=0° - 70°C (-40° - +85°C for Industrial grade packages), Vcc=3.3 - 5.0 V ± 10% unless otherwise specified.
T1w,T2w Clock pulse duration
17
17
ns
T3w
Oscillator/Clock frequency
8
24
MHz
T6s
Address setup time
5
0
ns
T7d
-IOR delay from chip select
10
10
ns
T7w
-IOR strobe width
35
25
ns
T7h
Chip select hold time from -IOR
0
0
ns
T9d
Read cycle delay
40
30
ns
T12d
Delay from -IOR to data
35
25
ns
T12h
Data disable time
25
35
15
ns
T13d
-IOW delay from chip select
10
10
ns
T13w
-IOW strobe width
35
25
ns
T13h
Chip select hold time from -IOW
0
0
ns
T15d
Write cycle delay
40
30
ns
T16s
Data setup time
20
15
ns
T16h
Data hold time
5
5
ns
T17d
Delay from -IOW to output
50
40
ns
100 pF load
T18d
Delay to set interrupt from MODEM
40
35
ns
100 pF load
input
T19d
Delay to reset interrupt from -IOR
40
35
ns
100 pF load
T20d
Delay from stop to set interrupt
1
1
Rclk
T21d
Delay from -IOR to reset interrupt
45
40
ns
100 pF load
T22d
Delay from stop to interrupt
45
40
ns
T23d
Delay from initial INT reset to transmit
8
24
8
24
Rclk
start
T24d
Delay from -IOW to reset interrupt
45
40
ns
T25d
Delay from stop to set -RxRdy
1
1
Rclk
T26d
Delay from -IOR to reset -RxRdy
45
40
ns
T27d
Delay from -IOW to set -TxRdy
45
40
ns
T28d
Delay from start to reset -TxRdy
8
8
Rclk
T30s
Address setup time
10
10
ns
T30w
Chip select strobe width
40
40
ns
T30h
Address hold time
15
15
ns
T30d
Read cycle delay
70
70
ns
T31d
Delay from -CS to data
15
15
ns
T31h
Data disable time
15
ns
T32s
Write strobe setup time
10
10
ns
T32h
Write strobe hold time
10
10
ns
T32d
Write cycle delay
70
70
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com