Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3253 Datasheet(PDF) 52 Page - STMicroelectronics

Part # UPSD3253
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button UPSD3253 Datasheet HTML 48Page - STMicroelectronics UPSD3253 Datasheet HTML 49Page - STMicroelectronics UPSD3253 Datasheet HTML 50Page - STMicroelectronics UPSD3253 Datasheet HTML 51Page - STMicroelectronics UPSD3253 Datasheet HTML 52Page - STMicroelectronics UPSD3253 Datasheet HTML 53Page - STMicroelectronics UPSD3253 Datasheet HTML 54Page - STMicroelectronics UPSD3253 Datasheet HTML 55Page - STMicroelectronics UPSD3253 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 176 page
background image
µPSD325X DEVICES
52/176
Watchdog reset pulse width depends on the clock
frequency. The reset period is Tfosc x 12 x 222
The RESET pulse width is Tfosc x 12 x 215.
Figure 21. RESET Pulse Width
Table 34. Watchdog Timer Clear Register (WDRST: 0A6H)
Table 35. Description of the WDRST Bits
Note: The Watchdog Timer (WDT) is enabled at power-up or reset and must be served or disabled.
76543210
Reserved
WDRST6
WDRST5
WDRST4
WDRST3
WDRST2
WDRST1
WDRST0
Bit
Symbol
Function
7
Reserved
6 to 0
WDRST6 to
WDRST0
To reset watchdog timer, write any value beteen 00h and 7Eh to this register.
This value is loaded to the 7 most significant bits of the 22-bit counter.
For example: MOV WDRST,#1EH
Reset period
(1.258 second at 40Mhz)
(about 6.291 seconds at 8Mhz)
Reset pulse width (about 10ms at 40Mhz, about 50ms at 8Mhz)
AI06823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com