Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3253 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UPSD3253
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UPSD3253 Datasheet HTML 27Page - STMicroelectronics UPSD3253 Datasheet HTML 28Page - STMicroelectronics UPSD3253 Datasheet HTML 29Page - STMicroelectronics UPSD3253 Datasheet HTML 30Page - STMicroelectronics UPSD3253 Datasheet HTML 31Page - STMicroelectronics UPSD3253 Datasheet HTML 32Page - STMicroelectronics UPSD3253 Datasheet HTML 33Page - STMicroelectronics UPSD3253 Datasheet HTML 34Page - STMicroelectronics UPSD3253 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 176 page
background image
31/176
µPSD325X DEVICES
µPSD325X HARDWARE DESCRIPTION
The µPSD325X devices have a modular architec-
ture with two main functional modules: the MCU
Module and the PSD Module. The MCU Module
consists of a standard 8032 core, peripherals and
other system supporting functions. The PSD Mod-
ule provides configurable Program and Data mem-
ories to the 8032 CPU core. In addition, it has its
own set of I/O ports and a PLD with 16 macrocells
for general logic implementation. Ports A,B,C, and
D are general purpose programmable I/O ports
that have a port architecture which is different from
Ports 0-4 in the MCU Module.
The PSD Module communicates with the CPU
Core through the internal address, data bus (A0-
A15, D0-D7) and control signals (RD_, WR_,
PSEN_ , ALE, RESET_). The user defines the De-
coding PLD in the PSDsoft Development Tool and
can map the resources in the PSD Module to any
program or data address space.
Figure 15. µPSD325X devices Functional Modules
AI07802
4
Channel
ADC
1Mb or 2Mb
Main Flash
Decode PLD
256Kb
SRAM
CPLD - 16 MACROCELLS
JTAG ISP
Port 1
Port 3
2 UARTs
Interrupt
3 Timer /
Counters
256 Byte SRAM
8032 Core
Port 3, UART,
Intr, Timers,I2C
PSD Internal Bus
8032 Internal Bus
USB
&
Transceiver
Port 1, Timers and
2nd UART and ADC
DDC
w/ 256 Byte
SRAM
PWM
5
Channels
Port 4 PWM
and DDC
Dedicated
USB Pins
Port A & B, PLD
I/O and GPIO
Port D
GPIO
Port C,
JTAG, PLD I/O
and GPIO
VCC, GND,
XTAL
256Kb
Secondary
Flash
Dedicated
Pins
I2C
Port 0, 2
Ext. Bus
Reset Logic
LVD & WDT
Bus
Interface
Reset
D0-D7
A0-A15
RD,PSEN
WR,ALE
Page Register
PSD MODULE
MCU MODULE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com