Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3253 Datasheet(PDF) 49 Page - STMicroelectronics

Part # UPSD3253
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button UPSD3253 Datasheet HTML 45Page - STMicroelectronics UPSD3253 Datasheet HTML 46Page - STMicroelectronics UPSD3253 Datasheet HTML 47Page - STMicroelectronics UPSD3253 Datasheet HTML 48Page - STMicroelectronics UPSD3253 Datasheet HTML 49Page - STMicroelectronics UPSD3253 Datasheet HTML 50Page - STMicroelectronics UPSD3253 Datasheet HTML 51Page - STMicroelectronics UPSD3253 Datasheet HTML 52Page - STMicroelectronics UPSD3253 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 176 page
background image
49/176
µPSD325X DEVICES
OSCILLATOR
The oscillator circuit of the µPSD325X devices is a
single stage inverting amplifier in a Pierce oscilla-
tor configuration. The circuitry between XTAL1
and XTAL2 is basically an inverter biased to the
transfer point. Either a crystal or ceramic resonator
can be used as the feedback element to complete
the oscillator circuit. Both are operated in parallel
resonance.
XTAL1 is the high gain amplifier input, and XTAL2
is the output. To drive the µPSD325X devices ex-
ternally, XTAL1 is driven from an external source
and XTAL2 left open-circuit.
Figure 19. Oscillator
SUPERVISORY
There are four ways to invoke a reset and initialize
the µPSD325X devices.
s
Via the external RESET pin
s
Via the internal LVR Block.
s
Via USB bus reset signaling.
s
Via Watch Dog timer
The RESET mechanism is illustrated in Figure 20.
Figure 20. RESET Configuration
AI06620
XTAL1
XTAL2
8 to 40 MHz
XTAL1
XTAL2
External Clock
AI06621
Reset
CPU
&
PERI.
Noise
Cancel
LVR
S
Q
R
CPU
Clock
Sync
10ms
Timer
USB Reset
RSTE
WDT
PSD_RST
“Active Low
10ms at 40Mhz
50ms at
8Mhz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com