Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3253 Datasheet(PDF) 88 Page - STMicroelectronics

Part # UPSD3253
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button UPSD3253 Datasheet HTML 84Page - STMicroelectronics UPSD3253 Datasheet HTML 85Page - STMicroelectronics UPSD3253 Datasheet HTML 86Page - STMicroelectronics UPSD3253 Datasheet HTML 87Page - STMicroelectronics UPSD3253 Datasheet HTML 88Page - STMicroelectronics UPSD3253 Datasheet HTML 89Page - STMicroelectronics UPSD3253 Datasheet HTML 90Page - STMicroelectronics UPSD3253 Datasheet HTML 91Page - STMicroelectronics UPSD3253 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 176 page
background image
µPSD325X DEVICES
88/176
DDC1 Protocol
DDC1 is primitive and a point to point interface.
The monitor is always put at “Transmit only” mode.
In the initialization phase, 9 clock cycles on VCLK
pin will be given for the internal synchronization.
During this period, the SDA pin will be kept at high
impedance state.
If DDC1 hardware mode is used, the following pro-
cedure is recommended to proceed DDC1 opera-
tion.
1. Reset DDC1 enable (by default, DDC1 enable is
cleared as LOW after Power-on Reset).
2. Set SWENB as high (the default value is zero.)
3. Depending on the data size of EDID data, set
EX_DAT as LOW (128 bytes) or HIGH (256
bytes).
4. By using bulky moving commands (DDCADR,
RAMBUF involved) to move the entire EDID
data to RAM buffer.
5. Reset SWENB to LOW.
6. Reset DDCADR to 00h.
7. Set DDC1 enable as HIGH.
In case SWENB is set as high, interrupt service
routine is finished within 133 machine cycle in
40MHz System clock.
The maximum VSYNC (VCLK) frequency is 25Khz
(40µs). And the 9th clock of VSYNC (VCLK) is inter-
rupt period.
So the machine cycle be needed is calculated as
below. For example,
When 40MHz system clock, 40µs = 133 x (25ns x
12); 133 machine cycle.
12MHz system clock, 40µs = 40 x (83.3ns x 12);
40 machine cycle.
8MHz system clock, 40µs = 26 x (125ns x 12); 26
machine cycle.
Note: If EX_DAT equals to LOW, it is meant the
lower part is occupied by DDC1 operation and the
upper part is still free to the system. Nevertheless,
the effect of the post increment just applies to the
part related to DDC1 operation. In other words, the
system program is still able to address the loca-
tions from 128 to 255 in the RAM buffer through
MOVX command but without the facility of the post
increment. For example, the case of accessing
200 of the RAM Buffer:
MOV R0, #200, and
MOVX A, @R0
Figure 42. Transmission Protocol in the DDC1 Interface
AI06652
123456789123456
7891
B
tSU(DDC1)
tDOV
Hi-Z
SC
VCLK
DDC1INT
DDC1EN
SD
tH(VCLK)
tL(VCLK)
Max=40us
BB
BBBBB
B
HiZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com