Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3253 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UPSD3253
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UPSD3253 Datasheet HTML 33Page - STMicroelectronics UPSD3253 Datasheet HTML 34Page - STMicroelectronics UPSD3253 Datasheet HTML 35Page - STMicroelectronics UPSD3253 Datasheet HTML 36Page - STMicroelectronics UPSD3253 Datasheet HTML 37Page - STMicroelectronics UPSD3253 Datasheet HTML 38Page - STMicroelectronics UPSD3253 Datasheet HTML 39Page - STMicroelectronics UPSD3253 Datasheet HTML 40Page - STMicroelectronics UPSD3253 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 176 page
background image
37/176
µPSD325X DEVICES
Table 17. PSD Module Register Address Offset
CSIOP
Addr
Offset
Register Name
Bit Register Name
Reset
Value
Comments
7
6
5
432
1
0
00
Data In (Port A)
Reads Port pins as input
02
Control (Port A)
Configure pin between I/O or Address Out Mode. Bit = 0 selects I/
O
00
04
Data Out (Port A)
Latched data for output to Port pins, I/O Output Mode
00
06
Direction (Port A)
Configures Port pin as input or output. Bit = 0 selects input
00
08
Drive (Port A)
Configures Port pin between CMOS, Open Drain or Slew rate. Bit
= 0 selects CMOS
00
0A
Input Macrocell
(Port A)
Reads latched value on Input Macrocells
0C
Enable Out
(Port A)
Reads the status of the output enable control to the Port pin driver.
Bit = 0 indicates pin is in input mode.
01
Data In (Port B)
03
Control (Port B)
00
05
Data Out (Port B)
00
07
Direction (Port B)
00
09
Drive (Port B)
00
0B
Input Macrocell
(Port B)
0D
Enable Out
(Port B)
10
Data In (Port C)
12
Data Out (Port C)
00
14
Direction (Port C)
00
16
Drive (Port C)
00
18
Input Macrocell
(Port C)
1A
Enable Out
(Port C)
11
Data In (Port D)
*
*
*
*
*
*
Only Bit 1 and
2 are used
13
Data Out (Port D)
*
*
*
*
*
*
00
Only Bit 1 and
2 are used
15
Direction (Port D)
*
*
*
*
*
*
00
Only Bit 1 and
2 are used
17
Drive (Port D)
*
*
*
*
*
*
00
Only Bit 1 and
2 are used
1B
Enable Out
(Port D)
*
***
*
*
Only Bit 1 and
2 are used
20
Output
Macrocells AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com