Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3253 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UPSD3253
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UPSD3253 Datasheet HTML 28Page - STMicroelectronics UPSD3253 Datasheet HTML 29Page - STMicroelectronics UPSD3253 Datasheet HTML 30Page - STMicroelectronics UPSD3253 Datasheet HTML 31Page - STMicroelectronics UPSD3253 Datasheet HTML 32Page - STMicroelectronics UPSD3253 Datasheet HTML 33Page - STMicroelectronics UPSD3253 Datasheet HTML 34Page - STMicroelectronics UPSD3253 Datasheet HTML 35Page - STMicroelectronics UPSD3253 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 176 page
background image
µPSD325X DEVICES
32/176
MCU MODULE DISCRIPTION
This section provides a detail description of the
MCU Module system functions and Peripherals,
including:
– Special Function Registers
– Timers/Counter
– Interrupts
–PWM
– Supervisory Function (LVD and Watchdog)
– USART
– Power Saving Modes
–I2C Bus
– On-chip Oscillator
–ADC
–I/O Ports
–USB
Special Function Registers
A map of the on-chip memory area called the Spe-
cial Function Register (SFR) space is shown in Ta-
ble 15.
Note: In the SFRs not all of the addresses are oc-
cupied. Unoccupied addresses are not implement-
ed on the chip. READ accesses to these
addresses will in general return random data, and
WRITE accesses will have no effect. User soft-
ware should write '0s' to these unimplemented lo-
cations.
Table 15. SFR Memory Map
Note: 1. Register can be bit addressing
F8
FF
F0
B1
F7
E8
UISTA1
UIEN
UCON0
UCON1
UCON2
USTA
UADR
UDR0
EF
E0
ACC1
USCL
UDT1
UDT0
E7
D8
S1CON1
S1STA
S1DAT
S1ADR
S2CON
S2STA
S2DAT
S2ADR
DF
D0
PSW1
S1SETUP
S2SETUP
RAMBUF
DDCDAT
DDCADR
DDCCON
D7
C8
T2CON1
T2MOD
RCAP2L
RCAP2H
TL2
TH2
CF
C0
P41
C7
B8
IP1
BF
B0
P31
PSCL0L
PSCL0H
PSCL1L
PSCL1H
IPA
B7
A8
IE1
PWM4P
PWM4W
WDKEY
AF
A0
P21
PWMCON
PWM0
PWM1
PWM2
PWM3
WDRST
IEA
A7
98
SCON
SBUF
SCON2
SBUF2
9F
90
P11
P1SFS
P3SFS
P4SFS
ASCL
ADAT
ACON
97
88
TCON1
TMOD
TL0
TL1
TH0
TH1
8F
80
P01
SP
DPL
DPH
PCON
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com