Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3253 Datasheet(PDF) 50 Page - STMicroelectronics

Part # UPSD3253
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button UPSD3253 Datasheet HTML 46Page - STMicroelectronics UPSD3253 Datasheet HTML 47Page - STMicroelectronics UPSD3253 Datasheet HTML 48Page - STMicroelectronics UPSD3253 Datasheet HTML 49Page - STMicroelectronics UPSD3253 Datasheet HTML 50Page - STMicroelectronics UPSD3253 Datasheet HTML 51Page - STMicroelectronics UPSD3253 Datasheet HTML 52Page - STMicroelectronics UPSD3253 Datasheet HTML 53Page - STMicroelectronics UPSD3253 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 176 page
background image
µPSD325X DEVICES
50/176
Each RESET source will cause an internal reset
signal active. The CPU responds by executing an
internal reset and puts the internal registers in a
defined state. This internal reset is also routed as
an active low reset input to the PSD Module.
External Reset
The RESET pin is connected to a Schmitt trigger
for noise reduction. A RESET is accomplished by
holding the RESET pin LOW for at least 1ms at
power up while the oscillator is running. Refer to
AC spec on other RESET timing requirements.
Low VDD Voltage Reset
An internal reset is generated by the LVR circuit
when the VDD drops below the reset threshold. Af-
ter VDD reaching back up to the reset threshold,
the RESET signal will remain asserted for 10ms
before it is released. On initial power-up the LVR
is enabled (default). After power-up the LVR can
be disabled via the LVREN Bit in the PCON Reg-
ister.
Note: The LVR logic is still functional in both the
Idle and Power-down Modes.
The reset threshold:
s
5V operation:
4V +/- 0.25V
s
3.3V operation: 2.5V +/-0.2V
This logic supports approximately 0.1V of hystere-
sis and 1µs noise-cancelling delay.
Watchdog Timer Overflow
The Watchdog timer generates an internal reset
when its 22-bit counter overflows. See Watchdog
Timer section for details.
USB Reset
The USB reset is generated by a detection on the
USB bus RESET signal. A single-end zero on its
upstream port for 4 to 8 times will set RSTF Bit in
UISTA register. If Bit 6 (RSTE) of the UIEN Regis-
ter is set, the detection will also generate the
RESET signal to reset the CPU and other periph-
erals in the MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com