Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3253 Datasheet(PDF) 96 Page - STMicroelectronics

Part # UPSD3253
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button UPSD3253 Datasheet HTML 92Page - STMicroelectronics UPSD3253 Datasheet HTML 93Page - STMicroelectronics UPSD3253 Datasheet HTML 94Page - STMicroelectronics UPSD3253 Datasheet HTML 95Page - STMicroelectronics UPSD3253 Datasheet HTML 96Page - STMicroelectronics UPSD3253 Datasheet HTML 97Page - STMicroelectronics UPSD3253 Datasheet HTML 98Page - STMicroelectronics UPSD3253 Datasheet HTML 99Page - STMicroelectronics UPSD3253 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 176 page
background image
µPSD325X DEVICES
96/176
The USCL 8-bit Prescaler Register for USB is at
E1h. The USCL should be loaded with a value that
results in a clock rate of 6MHz for the USB using
the following formula:
USB clock input =
(FOSC / 2) / (Prescaler register value +1)
Where Fosc is the MCU clock input frequency.
Note: USB works ONLY with the MCU Clock fre-
quencies of 12, 24, or 36MHz. The Prescaler val-
ues for these frequencies are 0, 1, and 2.
Table 80. USB SFR Memory Map
SFR
Addr
Reg
Name
Bit Register Name
Reset
Value
Comments
7
654
321
0
E1
USCL
00
8-bit
Prescaler for
USB logic
E6
UDT1
UDT1.7
UDT1.6
UDT1.5
UDT1.4
UDT1.3
UDT1.2
UDT1.1
UDT1.0
00
USB Endpt1
Data Xmit
E7
UDT0
UDT0.7
UDT0.6
UDT0.5
UDT0.4
UDT0.3
UDT0.2
UDT0.1
UDT0.0
00
USB Endpt0
Data Xmit
E8
UISTA
SUSPND
RSTF
TXD0F
RXD0F
RXD1F
EOPF
RESUMF
00
USB
Interrupt
Status
E9
UIEN
SUSPNDIE
RSTE
RSTFIE
TXD0IE
RXD0IE
TXD1IE
EOPIE RESUMIE
00
USB
Interrupt
Enable
EA UCON0
TSEQ0
STALL0
TX0E
RX0E
TP0SIZ3 TP0SIZ2 TP0SIZ1 TP0SIZ0
00
USB Endpt0
Xmit Control
EB UCON1
TSEQ1
EP12SEL
FRESUM TP1SIZ3 TP1SIZ2 TP1SIZ1 TP1SIZ0
00
USB Endpt1
Xmit Control
EC UCON2
SOUT
EP2E
EP1E
STALL2
STALL1
00
USB Control
Register
ED
USTA
RSEQ
SETUP
IN
OUT
RP0SIZ3 RP0SIZ2 RP0SIZ1 RP0SIZ0
00
USB Endpt0
Status
EE
UADR
USBEN
UADD6
UADD5
UADD4
UADD3
UADD2
UADD1
UADD0
00
USB
Address
Register
EF
UDR0
UDR0.7
UDR0.6
UDR0.5
UDR0.4
UDR0.3
UDR0.2
UDR0.1
UDR0.0
00
USB Endpt0
Data Recv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com