Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3253 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UPSD3253
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UPSD3253 Datasheet HTML 7Page - STMicroelectronics UPSD3253 Datasheet HTML 8Page - STMicroelectronics UPSD3253 Datasheet HTML 9Page - STMicroelectronics UPSD3253 Datasheet HTML 10Page - STMicroelectronics UPSD3253 Datasheet HTML 11Page - STMicroelectronics UPSD3253 Datasheet HTML 12Page - STMicroelectronics UPSD3253 Datasheet HTML 13Page - STMicroelectronics UPSD3253 Datasheet HTML 14Page - STMicroelectronics UPSD3253 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 176 page
background image
11/176
µPSD325X DEVICES
SUMMARY DESCRIPTION
s
Dual bank Flash memories
– Concurrent operation, read from memory
while erasing and writing the other. In-Appli-
cation Programming (IAP) for remote updates
– Large 128KByte or 256KByte main Flash
memory for application code, operating sys-
tems, or bit maps for graphic user interfaces
– Large 32KByte secondary Flash memory di-
vided in small sectors. Eliminate external EE-
PROM with software EEPROM emulation
– Secondary Flash memory is large enough for
sophisticated communication protocol (USB)
during IAP while continuing critical system
tasks
s
Large SRAM with battery back-up option
– 32KByte SRAM for RTOS, high-level lan-
guages, communication buffers, and stacks
s
Programmable Decode PLD for flexible address
mapping of all memories
– Place individual Flash and SRAM sectors on
any address boundary
– Built-in page register breaks restrictive 8032
limit of 64KByte address space
– Special register swaps Flash memory seg-
ments between 8032 “program” space and
“data” space for efficient In-Application Pro-
gramming
s
High-speed clock standard 8032 core (12-cycle)
– 40MHz operation at 5V, 24MHz at 3.3V
– 2 UARTs with independent baud rate, three
16-bit Timer/Counters and two External Inter-
rupts
s
USB Interface (some devices only)
– Supports USB 1.1 Slow Mode (1.5Mbit/s)
– Control endpoint 0 and interrupt endpoints 1
and 2
s
I2C interface for peripheral connections
– Capable of master or slave operation
s
5 Pulse Width Modulator (PWM) channels
– Four 8-bit PWM units
– One 8-bit PWM unit with programmable peri-
od
s
4-channel, 8-bit Analog-to-Digital Converter
(ADC) with analog supply voltage (VREF)
s
Standalone Display Data Channel (DDC)
– For use in monitor, projector, and TV applica-
tions
– Compliant with VESA standards DDC1 and
DDC2B
– Eliminate external DDC PROM
s
Six I/O ports with up to 50 I/O pins
– Multifunction I/O: GPIO, DDC, I2C, PWM,
PLD I/O, supervisor, and JTAG
– Eliminates need for external latches and logic
s
3000 gate PLD with 16 macrocells
– Create glue logic, state machines, delays,
etc.
– Eliminate external PALs, PLDs, and 74HCxx
– Simple PSDsoft Express software ...Free
s
Supervisor functions
– Generates reset upon low voltage or watch-
dog time-out. Eliminate external supervisor
device
– RESET Input pin; Reset output via PLD
s
In-System Programming (ISP) via JTAG
– Program entire chip in 10 - 25 seconds with
no involvement of 8032
– Allows efficient manufacturing, easy product
testing, and Just-In-Time inventory
– Eliminate sockets and pre-programmed parts
– Program with FlashLINKTM cable and any PC
s
Content Security
– Programmable Security Bit blocks access of
device programmers and readers
s
Zero-Power Technology
– Memories and PLD automatically reach
standby current between input changes
s
Packages
– 52-pin TQFP
– 80-pin TQFP: allows access to 8032 address/
data/control signals for connecting to external
peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com