Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2230 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT85F2230
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2230 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT85F2230 Datasheet HTML 45Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 46Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 47Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 48Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 49Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 50Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 51Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 52Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 147 page
background image
Rev. 1.10
49 of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
DPC Register – Data Pointer Control Register
SFR Address: 93h
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
DPC�
DPC�
DPC1
DPC0
R/W
—
—
—
—
R/W
R/W
R/W
R/W
POR
—
—
—
—
0
0
0
0
Bit 7~4
Unimplemented, read as “0”
Bit 3
DPC3: Next Data Pointer select
The content of this bit will be loaded to the “DPS” register after each MOVX @DPTR
instruction is executed.
Note that this feature is always enabled, therefore for each of the “DPC” registers this
field has to contain a different value pointing to itself, the auto-switching does not occur
with default (reset) values.
Bit 2
DPC2: Auto-modification size
0: Modified size by 1
1: Modified size by 2
The current DPTR will be automatically modified by size, selected by the DPC2 bit,
after each MOVX @DPTR instruction when DPC0=1.
Bit 1
DPC1: The current DPTR Auto-modification direction
0: Automatically incremented
1: Automatically decremented
The current DPTR will be automatically decremented or incremented, selected by the
DPC1 bit, after each MOVX @DPTR instruction when DPC0=1.
Bit 0
DPC0: Auto-modification control bit
0: Disable
1: Enable
When this bit is set to high, enables auto-modification of the current DPTR after each
MOVX @DPTR instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com