Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2230 Datasheet(PDF) 97 Page - Holtek Semiconductor Inc

Part # HT85F2230
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2230 Datasheet(HTML) 97 Page - Holtek Semiconductor Inc

Back Button HT85F2230 Datasheet HTML 93Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 94Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 95Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 96Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 97Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 98Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 99Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 100Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 101Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 147 page
background image
Rev. 1.10
97 of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
Port 1 Mode Control
P1M0 Register
SFR Address: A6h
Bit
7
6
5
4
3
2
1
0
Name
P1M0.7
P1M0.6
P1M0.�
P1M0.4
P1M0.�
P1M0.�
P1M0.1
P1M0.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
P1M1 Register
SFR Address: A7h
Bit
7
6
5
4
3
2
1
0
Name
P1M1.7
P1M1.6
P1M1.�
P1M1.4
P1M1.�
P1M1.�
P1M1.1
P1M1.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Port 2 Mode Control
P2M0 Register
SFR Address: AEh
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
—
P�M0.0
R/W
—
—
—
—
—
—
—
R/W
POR
—
—
—
—
—
—
—
0
P2M1 Register
SFR Address: AFh
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
—
P�M1.0
R/W
—
—
—
—
—
—
—
R/W
POR
—
—
—
—
—
—
—
0
Port 3 Mode Control
P3M0 Register
SFR Address: B6h
Bit
7
6
5
4
3
2
1
0
Name
P�M0.7
P�M0.6
P�M0.�
P�M0.4
P�M0.�
P�M0.�
P�M0.1
P�M0.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
P3M1 Register
SFR Address: B7h
Bit
7
6
5
4
3
2
1
0
Name
P�M1.7
P�M1.6
P�M1.�
P�M1.4
P�M1.�
P�M1.�
P�M1.1
P�M1.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com