Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2230 Datasheet(PDF) 92 Page - Holtek Semiconductor Inc

Part # HT85F2230
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2230 Datasheet(HTML) 92 Page - Holtek Semiconductor Inc

Back Button HT85F2230 Datasheet HTML 88Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 89Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 90Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 91Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 92Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 93Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 94Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 95Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 96Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 147 page
background image
Rev. 1.10
9� of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
TBCR Register
SFR Address: B2h
Bit
7
6
5
4
3
2
1
0
Name
TBEN
—
TBCK1
TBCK0
—
TBS�
TBS1
TBS0
R/W
R/W
—
R/W
R/W
—
R/W
R/W
R/W
POR
0
—
0
0
—
1
1
1
Bit 7
TBEN: Time Base Control bit
0: Disable
1: Enable
Bit 6
Unimplemented, read as “0”
Bit 5 ~ 4
TBCK1 ~ TBCK0: Select Time Base clock source, fTBC
00: fSYS/4
01: fSYS/128
1x: f32K (f32K is sourced from fLIRC
)
Bit 3
Unimplemented, read as “0”
Bit 2 ~ 0
TBS2 ~ TBS0: Select Time Base Time-out Period
000: 256/fTBC
001: 512/fTBC
010: 1024/fTBC
011: 2048/fTBC
100: 4096/fTBC
101: 8192/fTBC
110: 16384/fTBC
111: 32768/fTBC (default setting)
LVD Interrupt
A LVD Interrupt request will take place when the LVD Interrupt request flag, LVDF, is set, which
occurs when the Low Voltage Detector function detects a low power supply voltage. To allow the
program to branch to its respective interrupt vector address, the global interrupt enable bit, EAL,
Low Voltage Interrupt enable bit, ELVD, must first be set. When the interrupt is enabled, the stack
is not full and a low voltage condition occurs, a subroutine call to the Interrupt vector, will take
place. When the Low Voltage Interrupt is serviced, the EAL bit must be cleared by the application
program to disable other interrupts and the LVDF flag will be automatically cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com