Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2230 Datasheet(PDF) 77 Page - Holtek Semiconductor Inc

Part # HT85F2230
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2230 Datasheet(HTML) 77 Page - Holtek Semiconductor Inc

Back Button HT85F2230 Datasheet HTML 73Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 74Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 75Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 76Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 77Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 78Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 79Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 80Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 81Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 147 page
background image
Rev. 1.10
77 of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
Register Name
WDTCR Reset
LVR Reset
LVRCR Reset
Program Co�nter
0000h
0000h
0000h
P0
1111_1111b
1111_1111b
1111_1111b
SP
0000_0111b
0000_0111b
0000_0111b
DPL
0000_0000b
0000_0000b
0000_0000b
DPH
0000_0000b
0000_0000b
0000_0000b
DPL1
0000_0000b
0000_0000b
0000_0000b
DPH1
0000_0000b
0000_0000b
0000_0000b
WDTREL
0000_0000b
0000_0000b
0000_0000b
PCON
0---_1000b
0---_1000b
0---_1000b
TCON
0000_0000b
0000_0000b
0000_0000b
TMOD
0000_0000b
0000_0000b
0000_0000b
TL0
0000_0000b
0000_0000b
0000_0000b
TL1
0000_0000b
0000_0000b
0000_0000b
TH0
0000_0000b
0000_0000b
0000_0000b
TH1
0000_0000b
0000_0000b
0000_0000b
TMPRE
--00_0000b
--00_0000b
--00_0000b
P1
--- 1 _ 1111 b
--- 1 _ 1111 b
--- 1 _ 1111 b
P0WAKE
0000_0000b
0000_0000b
0000_0000b
DPS
---- _ --- 0b
---- _ --- 0b
---- _ --- 0b
DPC
---- _0000b
---- _0000b
---- _0000b
WDTCR
0101_0--0b
0101_0--0b
0101_0--0b
IEN�
----_- - 0 - b
----_- - 0 - b
----_- - 0 - b
P0M0
0000_0000b
0000_0000b
0000_0000b
P0M1
0000_0000b
0000_0000b
0000_0000b
P�
---- _ --- 1b
---- _ --- 1b
---- _ --- 1b
SRCR
-- -- _0000b
-- -- _0000b
-- -- _0000b
P1M0
---0_0000b
---0_0000b
---0_0000b
P1M1
---0_0000b
---0_0000b
---0_0000b
IEN0
000-_0000b
000-_0000b
000-_0000b
IEN1
00 -- _ -- 00b
00 -- _ -- 00b
00 -- _ -- 00b
P�
1111_1111b
1111_1111b
1111_1111b
TBCR
0-00_-111b
0-00_-111b
0-00_-111b
P�M0
0000_0000b
0000_0000b
0000_0000b
P�M1
0000_0000b
0000_0000b
0000_0000b
IP0
-00-_0000b
-00-_0000b
-00-_0000b
IP0H
--0-_0000b
--0-_0000b
--0-_0000b
IRCON�
--- - _00 - 0b
--- - _00 - 0b
--- - _00 - 0b
IRCON
00 -- _00--b
00 -- _00 - -b
00 -- _00 - -b
CCEN
---- _0000b
---- _0000b
---- _0000b
CCL1
0000_0000b
0000_0000b
0000_0000b
CCH1
0000_0000b
0000_0000b
0000_0000b
T�CON
-0-0_0000b
-0-0_0000b
-0-0_0000b
IEN�
- - - - _00 - - b
- - - - _00 - - b
- - - - _00 - - b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com