Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2230 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT85F2230
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2230 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT85F2230 Datasheet HTML 13Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 14Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 15Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 16Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 17Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 18Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 19Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 20Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 147 page
background image
Rev. 1.10
17 of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
6 Pin Descriptions
With the exception of the power pins, all pins on these devices can be referenced by their Port
name, e.g. P0.0, P0.1 etc, which refer to the digital I/O function of the pins. However these Port
pins are also shared with other function such as the Analog to Digital Converter etc. The function
of each pin is listed in the following table, however the details behind how each pin is configured is
contained in other sections of the datasheet.
Pin Name
Function
OPT
I/T
O/T
Description
P0.0/ICPDA/TDA
P0.0
P0M0
P0M1
P0WAKE
ST
CMOS
Genera� p�rpose I/O. Register se�ected I/O mode and wake-�p.
ICPDA
—
ICP Data Inp�t/O�tp�t
TDA
—
Deb�g Data Inp�t/O�tp�t� on�� for EV chip
P0.1/OSC1
P0.1
P0M0
P0M1
P0WAKE
ST
CMOS Genera� p�rpose I/O. Register se�ected I/O mode and wake-�p.
OSC1
HSOCR
HXT
—
HXT pin
P0.�/OSC�
P0.�
P0M0
P0M1
P0WAKE
ST
CMOS Genera� p�rpose I/O. Register se�ected I/O mode and wake-�p.
OSC�
HSOCR
—
HXT
HXT pin
P0.�~P0.6
P0.�~P0.6
P0M0
P0M1
P0WAKE
ST
CMOS Genera� p�rpose I/O. Register se�ected I/O mode and wake-�p.
P0.7/[CC0]
P0.7
P0M0
P0M1
P0WAKE
ST
CMOS Genera� p�rpose I/O. Register se�ected I/O mode and wake-�p.
CC0
PRM
ST
CMOS Compare/Capt�re inp�t/o�tp�t for PCA mod��e 0
P1.0/[CC1]
P1.0
P1M0
P1M1
ST
CMOS Genera� p�rpose I/O. Register se�ected I/O mode
CC1
PRM
ST
CMOS Compare/Capt�re inp�t/o�tp�t for PCA mod��e 1
P1.1
P1.1
P1M0
P1M1
ST
CMOS Genera� p�rpose I/O. Register se�ected I/O mode
P1.�/AIN0
P1.�
P1M0
P1M1
ST
CMOS Genera� p�rpose I/O. Register se�ected I/O mode
AIN0
ADCR�
AN
—
ADC Inp�t Channe� 0
P1.�/AIN6
P1.�
P1M0
P1M1
ST
CMOS Genera� p�rpose I/O. Register se�ected I/O mode
AIN6
ADCR�
AN
—
ADC Inp�t Channe� 6
P1.4/AIN7
P1.4
P1M0
P1M1
ST
CMOS Genera� p�rpose I/O. Register se�ected I/O mode
AIN7
ADCR�
AN
—
ADC Inp�t Channe� 7
P�.0/CC0
P�.0
P�M0
P�M1
ST
CMOS Genera� p�rpose I/O. Register se�ected I/O mode.
CC0
PRM
ST
CMOS Compare/Capt�re inp�t/o�tp�t for PCA mod��e 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com