Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2230 Datasheet(PDF) 62 Page - Holtek Semiconductor Inc

Part # HT85F2230
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2230 Datasheet(HTML) 62 Page - Holtek Semiconductor Inc

Back Button HT85F2230 Datasheet HTML 58Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 59Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 60Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 61Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 62Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 63Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 64Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 65Page - Holtek Semiconductor Inc HT85F2230 Datasheet HTML 66Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 147 page
background image
Rev. 1.10
6� of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
IEN1 Register
SFR Address: A9h
Bit
7
6
5
4
3
2
1
0
Name
EXEN�
SWDT
—
—
—
—
ECCU1
ECCU0
R/W
R/W
R/W
—
—
—
—
R/W
R/W
POR
0
0
—
—
—
—
0
0
Bit 7
EXEN2: Timer 2 external reload interrupt enable
Described elsewhere
Bit 6
SWDT: Watchdog timer start/refresh flag
This bit is used to activate and refresh the watchdog timer.
When this bit is set to “1” directly after the WDT bit is set, a watchdog timer refresh
will be enabled. This bit is immediately cleared by hardware. This bit is always read as
“0”.
Bit 5~2
Unimplemented, read as “0”
Bit 1
ECCU1: CCU1 interrupt enable
Described elsewhere
Bit 0
ECCU0: CCU0 interrupt enable
Described elsewhere
WDTREL Register
SFR Address: 86h
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D�
D4
D�
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7~0
Watchdog reload value
Reload value for the highest 8 bits of the watchdog timer.
This value is loaded to the Watchdog Timer when a refresh is triggered by the
consecutive setting of bits, WDT and SWDT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com